Electronic Components Datasheet Search
  English  ▼

X  

SB330 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SB330
Description  CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SB330 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SB330 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SB330 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (℃)
0
175
150
125
100
75
50
20
RESISTIVE OR INDUCTIVE LOAD
0.375" (9.5MM) LEAD LENGTH
RATINGS AND CHARACTERISTIC CURVES SB320 THRU SB3100
0
4.0
3.0
2.0
1.0
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
PULSE WIDTH=300
㎲
1% DUTY CYCLE
0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
1.6
0.01
50
10
1
0.1
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
TJ=25℃
TJ=125℃
──
SB320-SB340
- - - SB350-SB3100
REVERSE VOLTAGE.VOLTS
0.1
100
10
1
10
1000
100
TJ=25℃
f=1.0MHz
Vsig=50mVp-p
FIG.5-TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
100
10
0
40
30
20
10
50
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
0
100
80
60
40
20
0.001
10
1
0.1
0.01
TJ=75℃
TJ=25℃
TJ=125℃
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
T, PULSE DURATION, sec.
0.01
100
10
1
0.1
1
100
10
0.1
TJ=TJMAX
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
──
SB320-SB340
- - - SB350-SB3100
──
SB320-SB340
- - - SB350-SB3100
──
SB320-SB340
- - - SB350-SB3100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com