Electronic Components Datasheet Search
  English  ▼

X  

TAS5086DBTR Datasheet(PDF) 36 Page - Texas Instruments

Part # TAS5086DBTR
Description  PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5086DBTR Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS5086DBTR Datasheet HTML 32Page - Texas Instruments TAS5086DBTR Datasheet HTML 33Page - Texas Instruments TAS5086DBTR Datasheet HTML 34Page - Texas Instruments TAS5086DBTR Datasheet HTML 35Page - Texas Instruments TAS5086DBTR Datasheet HTML 36Page - Texas Instruments TAS5086DBTR Datasheet HTML 37Page - Texas Instruments TAS5086DBTR Datasheet HTML 38Page - Texas Instruments TAS5086DBTR Datasheet HTML 39Page - Texas Instruments TAS5086DBTR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
INPUT MULTIPLEXER REGISTER (0x20)
TAS5086
SLES131C – FEBRUARY 2005 – REVISED JUNE 2008 ................................................................................................................................................... www.ti.com
Table 16. BKNDERR Register (0x1C) (continued)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
1
0
1
1
Set back-end reset period to 13 ms
–
–
–
–
1
1
X
X
Set back-end reset period to 13 ms
The hexadecimal value for each nibble is the channel number. For each input multiplexer, any input from SDIN1,
SDIN2, and SDIN3 can be mapped to any internal TAS5086 channel.
Default is 0x0001 2345.
Table 17. Input Multiplexer Register (0x20)
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
0
0
0
0
0
0
0
Reserved = 0x00
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
0
0
0
0
–
–
–
–
SDIN1-L to channel 1
0
0
0
1
–
–
–
–
SDIN1-R to channel 1
0
0
1
0
–
–
–
–
SDIN2-L to channel 1
0
0
1
1
–
–
–
–
SDIN2-R to channel 1
0
1
0
0
–
–
–
–
SDIN3-L to channel 1
0
1
0
1
–
–
–
–
SDIN3-R to channel 1
0
1
1
0
–
–
–
–
Ground (0) to channel 1
0
1
1
1
–
–
–
–
No connection
–
–
–
–
0
0
0
0
SDIN1-L to channel 2
–
–
–
–
0
0
0
1
SDIN1-R to channel 2
–
–
–
–
0
0
1
0
SDIN2-L to channel 2
–
–
–
–
0
0
1
1
SDIN2-R to channel 2
–
–
–
–
0
1
0
0
SDIN3-L to channel 2
–
–
–
–
0
1
0
1
SDIN3-R to channel 2
–
–
–
–
0
1
1
0
Ground (0) to channel 2
–
–
–
–
0
1
1
1
No connection
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
0
0
–
–
–
–
SDIN1-L to channel 3
0
0
0
1
–
–
–
–
SDIN1-R to channel 3
0
0
1
0
–
–
–
–
SDIN2-L to channel 3
0
0
1
1
–
–
–
–
SDIN2-R to channel 3
0
1
0
0
–
–
–
–
SDIN3-L to channel 3
0
1
0
1
–
–
–
–
SDIN3-R to channel 3
0
1
1
0
–
–
–
–
Ground (0) to channel 3
0
1
1
1
–
–
–
–
No connection
–
–
–
–
0
0
0
0
SDIN1-L to channel 4
–
–
–
–
0
0
0
1
SDIN1-R to channel 4
–
–
–
–
0
0
1
0
SDIN2-L to channel 4
–
–
–
–
0
0
1
1
SDIN2-R to channel 4
–
–
–
–
0
1
0
0
SDIN3-L to channel 4
–
–
–
–
0
1
0
1
SDIN3-R to channel 4
–
–
–
–
0
1
1
0
Ground (0) to channel 4
–
–
–
–
0
1
1
1
No connection
36
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5086



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com