Electronic Components Datasheet Search
  English  ▼

X  

TAS5086DBTR Datasheet(PDF) 40 Page - Texas Instruments

Part # TAS5086DBTR
Description  PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5086DBTR Datasheet(HTML) 40 Page - Texas Instruments

Back Button TAS5086DBTR Datasheet HTML 36Page - Texas Instruments TAS5086DBTR Datasheet HTML 37Page - Texas Instruments TAS5086DBTR Datasheet HTML 38Page - Texas Instruments TAS5086DBTR Datasheet HTML 39Page - Texas Instruments TAS5086DBTR Datasheet HTML 40Page - Texas Instruments TAS5086DBTR Datasheet HTML 41Page - Texas Instruments TAS5086DBTR Datasheet HTML 42Page - Texas Instruments TAS5086DBTR Datasheet HTML 43Page - Texas Instruments TAS5086DBTR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
PWM OUTPUT MUX REGISTER (0x25)
TAS5086
SLES131C – FEBRUARY 2005 – REVISED JUNE 2008 ................................................................................................................................................... www.ti.com
Table 21. AM Tuned Frequency Register in Binary Mode
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
0
0
0
X
X
X
Binary frequency
–
–
–
–
–
–
–
–
0
0
0
0
0
0
0
0
Default value
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
X
X
X
X
X
X
X
X
Binary frequency
–
–
–
–
–
–
–
–
0
0
0
0
0
0
0
0
Default value
This TAS5086 output multiplexer selects which internal PWM channel is output to which pin. Any channel can be
output to any pin. The default values are used in systems with the TAS5186.
Bits D31–D25: Reserved = 0x00
Bits D23–D20: Select which PWM channel is output to PWM_1 (pin 38)
Bits D19–D16: Select which PWM channel is output to PWM_2 (pin 37)
Bits D15–D12: Select which PWM channel is output to PWM_3 (pin 36)
Bits D11–D08: Select which PWM channel is output to PWM_4 (pin 35)
Bits D07–D04: Select which PWM channel is output to PWM_5 (pin 34)
Bits D03–D00: Select which PWM channel is output to PWM_6 (pin 33)
Note that channels are encoded so that channel 1 = 0x00, channel 2 = 0x01, …, channel 6 = 0x05.
40
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5086



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com