Electronic Components Datasheet Search
  English  ▼

X  

562 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 562
Description  Panel Mount 10K potentiometer (Breadboard Friendly) 10K Linear
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

562 Datasheet(HTML) 1 Page - Adafruit Industries

  562 Datasheet HTML 1Page - Adafruit Industries 562 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Panel Mount 10K potentiometer
(Breadboard Friendly) - 10K Linear
Product ID: 562
Description
This potentiometer is a two-in-one, good in a breadboard or with a panel. It's a
fairly standard linear taper 10K ohm potentiometer, with a grippy shaft. It's


Similar Part No. - 562

ManufacturerPart #DatasheetDescription
logo
Littelfuse
562 LITTELFUSE-562 Datasheet
67Kb / 1P
SUBMINIATURE FUSEHOLDERS
logo
Mallory performance clu...
562 MALLORY-562 Datasheet
95Kb / 4P
ELECTRONIC BREAKERLESS CONVERSION KIT
logo
Oscilent Corporation
562 OSCILENT-562 Datasheet
134Kb / 2P
PECL Output
logo
Littelfuse
562 LITTELFUSE-562 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Walther-Werke
562 WALTHER-562 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results

Similar Description - 562

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1828 NTE-NTE1828 Datasheet
21Kb / 2P
Integrated Circuit Quad Transistor Array, 10k?
logo
PHOENIX CONTACT
2942124 PHOENIX-2942124 Datasheet
100Kb / 4P
EMG 30-SP/10K LIN
logo
List of Unclassifed Man...
ECLPGM-5 ETC1-ECLPGM-5 Datasheet
40Kb / 1P
10K ECL Pulse Generator Module
logo
Schneider Electric
XB4BD912R10K SCHNEIDER-XB4BD912R10K Datasheet
181Kb / 5P
Harmony XB4, Complete potentiometer, metal, 횠22, 10K
Sep 29, 2021
logo
SparkFun Electronics
COM-09806 SPARKFUN-COM-09806 Datasheet
93Kb / 1P
Trimpot 10K with Knob
5??5??7
logo
Molex Electronics Ltd.
2152703607 MOLEX-2152703607 Datasheet
321Kb / 1P
NTC EPOXY - 3600 100MM 10K 1%
2021/03/05
2152793607 MOLEX-2152793607 Datasheet
323Kb / 1P
NTC EPOXY - 4035 100MM 10K 1%
2021/03/05
logo
Advantech Co., Ltd.
BB-WCHCBL ADVANTECH-BB-WCHCBL Datasheet
578Kb / 1P
Breakout Cable - 10K Thermistor
logo
Molex Electronics Ltd.
2152703603 MOLEX-2152703603 Datasheet
320Kb / 1P
NTC EPOXY - 3600 25MM 10K 1%
2021/03/05
2152743603 MOLEX-2152743603 Datasheet
326Kb / 1P
NTC EPOXY - 3964 25MM 10K 1%
2021/03/05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com