Electronic Components Datasheet Search
  English  ▼

X  

562 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 562
Description  Panel Mount 10K potentiometer (Breadboard Friendly) 10K Linear
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

562 Datasheet(HTML) 2 Page - Adafruit Industries

  562 Datasheet HTML 1Page - Adafruit Industries 562 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
smooth and easy to turn, but not so loose that it will shift on its own. We like
this one because the legs are 0.2" apart with pin-points, so you can plug it into
a breadboard or perfboard. Once you're done prototyping, you can drill a hole
into your project box and mount the potentiometer that way.
Technical Details
•
10K ohm potentiometer, linear taper
•
100,000 Cycle Life
•
16mm Body
•
Rotational travel: 300 °
•
Static Stop Strength: 90 oz-in
•
Rotational Torque: 0.5 to 1.25 oz-in
•
P160KN-0QC15B10K Datasheet
https://www.adafruit.com/product/562 2-6-24



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com