Electronic Components Datasheet Search
  English  ▼

X  

TDP142I Datasheet(PDF) 20 Page - Texas Instruments

Part # TDP142I
Description  TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP142I Datasheet(HTML) 20 Page - Texas Instruments

Back Button TDP142I Datasheet HTML 16Page - Texas Instruments TDP142I Datasheet HTML 17Page - Texas Instruments TDP142I Datasheet HTML 18Page - Texas Instruments TDP142I Datasheet HTML 19Page - Texas Instruments TDP142I Datasheet HTML 20Page - Texas Instruments TDP142I Datasheet HTML 21Page - Texas Instruments TDP142I Datasheet HTML 22Page - Texas Instruments TDP142I Datasheet HTML 23Page - Texas Instruments TDP142I Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
GPU
DP
Receptacle
TDP142
Power
Source
PCB trace of Length A
PCB trace of Length B
ML0_IN
ML1_IN
ML2_IN
ML3_IN
ML0_OUT
ML1_OUT
ML2_OUT
ML3_OUT
AUX
HPD
3.3 V
3.3 V
Copyright © 2017, Texas Instruments Incorporated
20
TDP142
SLLSEZ1C – SEPTEMBER 2017 – REVISED MAY 2019
www.ti.com
Product Folder Links: TDP142
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TDP142 is a linear redriver designed specifically to compensate the inter-symbol interference (ISI) jitter
caused by signal attenuation through a passive medium like PCB traces and cable. It can be used in Source,
Sink, and cable applications, where the device is transparent to the link training. For illustrating purposes, this
section shows the implementations of Source application and Sink application. Figure 16 and Figure 17 are the
high level block diagram for DisplayPort Source side application and DisplayPort Sink side application
respectively, where the TDP142 is snooping both channels of AUX signal and HPD signal.
Figure 16. Source Application for TDP142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com