Electronic Components Datasheet Search
  English  ▼

X  

PCT2075 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCT2075
Description  I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCT2075 Datasheet HTML 1Page - NXP Semiconductors PCT2075 Datasheet HTML 2Page - NXP Semiconductors PCT2075 Datasheet HTML 3Page - NXP Semiconductors PCT2075 Datasheet HTML 4Page - NXP Semiconductors PCT2075 Datasheet HTML 5Page - NXP Semiconductors PCT2075 Datasheet HTML 6Page - NXP Semiconductors PCT2075 Datasheet HTML 7Page - NXP Semiconductors PCT2075 Datasheet HTML 8Page - NXP Semiconductors PCT2075 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
PCT2075
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 9.1 — 21 April 2017
3 of 37
NXP Semiconductors
PCT2075
I2C-bus Fm+ digital temperature sensor and thermal watchdog
4.
Ordering information
[1]
‘x’ will change depending on the assembly work week 1 through 5
[2]
PCT2075GV/N005X is a custom part with Tos = -5
C and Thyst = -10C
4.1 Ordering options
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCT2075D
PCT2075
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCT2075DP
P2075
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
PCT2075TP
075
HWSON8
plastic thermal enhanced very very thin small outline
package; no leads; 8 terminals, 2
 3  0.8 mm
SOT1069-2
PCT2075GV
20x[1]
TSOP6
plastic thin small outline package; 6 leads
SOT1353-1
PCT2075GV/N005X[2]
05x[1]
TSOP6
plastic thin small outline package; 6 leads
SOT1353-1
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order
quantity
Temperature
PCT2075D
PCT2075D,118
SO8
Reel 13” Q1/T1
*standard mark SMD
2500
Tamb = 55 C to +125 C
PCT2075DP
PCT2075DP,118
TSSOP8
Reel 13” Q1/T1
*standard mark SMD
2500
Tamb = 55 C to +125 C
PCT2075TP
PCT2075TP,147
HWSON8
Reel 7” Q2/T3
*standard mark
4000
Tamb = 55 C to +125 C
PCT2075GV
PCT2075GVJ
TSOP6
Reel 13” Q1/T1
*standard mark SMD
5000
Tamb = 55 C to +125 C
PCT2075GV
PCT2075GVX
TSOP6
Reel 7” Q1/T1
*standard mark SMD
3000
Tamb = 55 C to +125 C
PCT2075GV/N005X
PCT2075GV/N005X TSOP6
Reel 7” Q1/T1
*standard mark SMD
3000
Tamb = 55 C to +125 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com