Electronic Components Datasheet Search
  English  ▼

X  

PCT2075 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCT2075
Description  I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCT2075 Datasheet HTML 4Page - NXP Semiconductors PCT2075 Datasheet HTML 5Page - NXP Semiconductors PCT2075 Datasheet HTML 6Page - NXP Semiconductors PCT2075 Datasheet HTML 7Page - NXP Semiconductors PCT2075 Datasheet HTML 8Page - NXP Semiconductors PCT2075 Datasheet HTML 9Page - NXP Semiconductors PCT2075 Datasheet HTML 10Page - NXP Semiconductors PCT2075 Datasheet HTML 11Page - NXP Semiconductors PCT2075 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
PCT2075
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 9.1 — 21 April 2017
8 of 37
NXP Semiconductors
PCT2075
I2C-bus Fm+ digital temperature sensor and thermal watchdog
7.2.1 Bus fault time-out
If the SDA line is held LOW for longer than tto (25 ms minimum; guaranteed at 35 ms
maximum), the device will reset to the idle state (SDA released) and wait for a new START
condition. This ensures that the device will never hang up the bus should there be
conflicts in the transmission sequence. The bus fault time-out can be disabled during
manufacture and shipped under custom part number.
7.3 Slave address
To communicate with the device, the master must first address slave devices via a slave
address byte. The slave address byte consists of seven address bits, and a direction bit
indicating the intent of executing a read or write operation. The device features three
address pins to allow up to 27 devices to be addressed on a single bus interface. Table 5
describes the pin logic levels used to properly connect up to 27 8-pin devices. Table 6
describes the pin logic levels used to properly connect up to three 6-pin devices.
‘1’ indicates the pin is connected to the supply (VCC); ‘0’ indicates the pin is connected to
GND; ‘Float’ indicates the pin is left unconnected. The states of pins A0/A1/A2 are
sampled only at power-up. After sampling the address is latched to minimize power
dissipation associated with detection.
Table 5.
PCT2075 address table (SO8, TSSOP8, HWSON8 packages)
No.
Address pin coding
Slave address
A2
A1
A0
1
0
0
0
1001 000
2
0
0
1
1001 001
3
0
1
0
1001 010
4
0
1
1
1001 011
5
1
0
0
1001 100
6
1
0
1
1001 101
7
1
1
0
1001 110
8
1
1
1
1001 111
9
floating
0
0
1110 000
10
floating
0
floating
1110 001
11
floating
0
1
1110 010
12
floating
1
0
1110 011
13
floating
1
floating
1110 100
14
floating
1
1
1110 101
15
floating
floating
0
1110 110
16
floating
floating
1
1110 111
17
0
floating
0
0101 000
18
0
floating
1
0101 001
19
1
floating
0
0101 010
20
1
floating
1
0101 011
21
0
0
floating
0101 100
22
0
1
floating
0101 101
23
1
0
floating
0101 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com