Electronic Components Datasheet Search
  English  ▼

X  

PCF85263ATT1 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # PCF85263ATT1
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button PCF85263ATT1 Datasheet HTML 49Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 50Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 51Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 52Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 53Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 54Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 55Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 56Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
53 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
The INTA pin can be used to output three different signals.
8.12.6.1
INTAPM[1:0]: INTA
The primary function of the INTA pin is to output INTA data. INTA data is controlled by the
bits of the INTA_enable register (see Table 29 on page 39).
The output is active LOW with an open-drain output. The output is available during VDD
and VBAT operation.
8.12.6.2
INTAPM[1:0]: clock data
It is possible to output a clock frequency on the INTA pin. Clock frequency is selected with
the COF[2:0] bits in the Function register (Section 8.13 on page 54). The output is active
LOW with an open-drain output. The output is available only during VDD operation. The
output is Hi-Z when operating from VBAT.
Remark: Clock output is the default state. To save power, it is recommended to disable
the clock when not being used. If no clock is required, then set COF[2:0] in the Function
register (Section 8.13 on page 54) to CLK disabled. If clock output is only required on the
CLK pin, then set the INTA pin to either INTA data or battery mode.
8.12.6.3
INTAPM[1:0]: battery mode indication
It is possible to output the state of the power switch on the INTA pin. The output has an
open-drain output. The output is available during VDD and VBAT operation.
Fig 29. INTA pin
Table 50.
INTA battery mode
Power supply
INTA pin state
VDD
INTA = Hi-Z
VBAT
INTA = logic 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com