Electronic Components Datasheet Search
  English  ▼

X  

PCF85263ATT1 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # PCF85263ATT1
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button PCF85263ATT1 Datasheet HTML 67Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 68Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 69Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 70Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 71Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 72Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 73Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 74Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
71 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
15. Characteristics
Table 68.
Characteristics
VDD = 0.9 V to 5.5 V; VSS =0V; Tamb = 40 C to +85 C; fosc = 32.768 kHz; quartz Rs =60 k; CL = 7 pF; all registers in
reset state; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
interface inactive; fSCL =0Hz
[1] 0.9-
5.5V
interface active; fSCL = 400 kHz
[2] 1.8-
5.5V
VBAT
battery supply voltage
[1] 0.9-
5.5V
IDD
supply current
CLKOUT disabled; VDD =3.3 V;
interface inactive; fSCL =0Hz
[3]
battery switch enabled
Tamb =25 C
-
320
480
nA
Tamb =50 C
-
370
550
nA
Tamb =85 C
-
590
885
nA
battery switch disabled
[4]
Tamb =25 C
-
280
420
nA
Tamb =50 C
-
330
500
nA
Tamb =85 C
-
550
825
nA
CLKOUT disabled; VDD =3.3 V;
interface active; fSCL = 400 kHz
-10
-
A
Reference voltage
Vth
threshold voltage
HIGH falling VDD
2.42.6
2.8V
HIGH rising VDD
2.5
2.7
2.95
V
LOW falling VDD
1.31.4
1.5V
LOW rising VDD
1.37
1.47
1.6
V
reference voltage hysteresis
-
50
-
mV
Inputs[5]
VI
input voltage
0.5
-
+5.5
V
VIL
LOW-level input
voltage
0.5
-
+0.3VDD
V
VIH
HIGH-level input
voltage
0.7VDD
-5.5
V
ILI
input leakage current
VI = VSS or VDD
-0
-
A
post ESD event
0.5
-
+0.5
A
Ci
input capacitance
[6] --
7
pF
RPU(TS)
pull-up resistance on
pin TS
80 k
 mode
[7] 68
80
92
k
40 k
 mode
[7] 36
40
64
k
Outputs
VOH
HIGH-level output
voltage
on pin CLK, TS
0.8VDD
-VDD
V
VOL
LOW-level output
voltage
on pins SDA, INTA, CLK, TS
VSS
-0.2VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com