Electronic Components Datasheet Search
  English  ▼

X  

PAL16L8 Datasheet(PDF) 11 Page - Texas Instruments

Part # PAL16L8
Description  HIGH-PERFORMANCE IMPACT-X™ PAL® CIRCUITS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PAL16L8 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PAL16L8 Datasheet HTML 7Page - Texas Instruments PAL16L8 Datasheet HTML 8Page - Texas Instruments PAL16L8 Datasheet HTML 9Page - Texas Instruments PAL16L8 Datasheet HTML 10Page - Texas Instruments PAL16L8 Datasheet HTML 11Page - Texas Instruments PAL16L8 Datasheet HTML 12Page - Texas Instruments PAL16L8 Datasheet HTML 13Page - Texas Instruments PAL16L8 Datasheet HTML 14Page - Texas Instruments PAL16L8 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TIBPAL16L8-12M, TIBPAL16R4-12M, TIBPAL16R6-12M, TIBPAL16R8-12M
HIGH-PERFORMANCE
IMPACT-X ™ PAL® CIRCUITS
SRPS017D − D3023, MAY 1987 − REVISED DECEMBER 2010
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
11
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to disabled output (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
−55°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: These ratings apply except for programming pins during a programming cycle.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
−2
mA
IOL
Low-level output current
12
mA
fclock†
Clock frequency
0
56
MHz
High
9
Low
9
tsu†
Setup time, input or feedback before clock↑
11
ns
th†
Hold time, input or feedback after clock↑
0
ns
TA
Operating free-air temperature
−55
25
125
°C
NOTE 2: These are absolute voltage levels with respect to the ground pin of the device and include all overshoots due to system and/or tester
noise. Testing these parameters should not be attempted without suitable equipment.
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−0.8
−1.5
V
VOH
VCC = 4.5 V,
IOH = −2 mA
2.4
3.2
V
VOL
VCC = 4.5 V,
IOL = 12 mA
0.3
0.5
V
IOZH‡
VCC = 5.5 V,
VO = 2.4 V
100
μA
IOZL‡
VCC = 5.5 V,
VO = 0.4 V
−100
μA
II
VCC = 5.5 V,
VI = 5.5 V
0.2
mA
IIH‡
VCC = 5.5 V,
VI = 2.4 V
25
μA
IIL‡
VCC = 5.5 V,
VI = 0.4 V
−0.08 −0.25
mA
IOS§
VCC = 5.5 V,
VO = 0.5 V
−30
−70
−250
mA
ICC
VCC = 5.5 V,
VI = GND,
Outputs open
140
220
mA
Ci
f = 1 MHz,
VI = 2 V
5
pF
Co
f = 1 MHz,
VO = 2 V
6
pF
Ci/o
f = 1 MHz,
VI/O = 2 V
7.5
pF
Cclk
f = 1 MHz,
VCLK = 2 V
6
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ I/O leakage is the worst case of IOZL and IIL or IOZH and IIH respectively.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second. VO is set at 0.5 V to
avoid test problems caused by test equipment ground degradation.
ns
Pulse duration, clock (see Note 2)
tw
TIBPAL16R4-10C, 'R6-10C, 'R6-12M, 'L8-12M are Not Recommended for New Designs. TIBPAL16R8-10C, 'R8-12M are Obsolete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com