Electronic Components Datasheet Search
  English  ▼

X  

PAL16L8 Datasheet(PDF) 12 Page - Texas Instruments

Part # PAL16L8
Description  HIGH-PERFORMANCE IMPACT-X™ PAL® CIRCUITS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PAL16L8 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PAL16L8 Datasheet HTML 8Page - Texas Instruments PAL16L8 Datasheet HTML 9Page - Texas Instruments PAL16L8 Datasheet HTML 10Page - Texas Instruments PAL16L8 Datasheet HTML 11Page - Texas Instruments PAL16L8 Datasheet HTML 12Page - Texas Instruments PAL16L8 Datasheet HTML 13Page - Texas Instruments PAL16L8 Datasheet HTML 14Page - Texas Instruments PAL16L8 Datasheet HTML 15Page - Texas Instruments PAL16L8 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
fmax
MHz
TIBPAL16L8-12M, TIBPAL16R4-12M, TIBPAL16R6-12M, TIBPAL16R8-12M
HIGH-PERFORMANCE
IMPACT-X ™ PAL® CIRCUITS
SRPS017D − D3023, MAY 1987 − REVISED DECEMBER 2010
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
12
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITION
MIN
TYP†
MAX
UNIT
With feedback
48
80
Without feedback
56
85
tpd
I, I/O
O, I/O
R1 = 390 Ω,
3
7
12
ns
tpd
CLK↑
Q
R2 = 750 Ω,
2
5
10
ns
ten
OE↓
Q
See Figure 3
1
4
10
ns
tdis
OE↑
Q
1
4
10
ns
ten
I, I/O
O, I/O
3
8
14
ns
tdis
I, I/O
O, I/O
2
8
12
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ fmax(with feedback) +
1
tsu ) tpd (CLK to Q)
,
fmax(without feedback) +
1
tw high ) tw low
TIBPAL16R4-10C, 'R6-10C, 'R6-12M, 'L8-12M are Not Recommended for New Designs. TIBPAL16R8-10C, 'R8-12M are Obsolete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com