Electronic Components Datasheet Search
  English  ▼

X  

TLK1501IRCPR Datasheet(PDF) 16 Page - Texas Instruments

Part # TLK1501IRCPR
Description  0.6 TO 1.5 GBPS TRANSCEIVER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK1501IRCPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLK1501IRCPR Datasheet HTML 12Page - Texas Instruments TLK1501IRCPR Datasheet HTML 13Page - Texas Instruments TLK1501IRCPR Datasheet HTML 14Page - Texas Instruments TLK1501IRCPR Datasheet HTML 15Page - Texas Instruments TLK1501IRCPR Datasheet HTML 16Page - Texas Instruments TLK1501IRCPR Datasheet HTML 17Page - Texas Instruments TLK1501IRCPR Datasheet HTML 18Page - Texas Instruments TLK1501IRCPR Datasheet HTML 19Page - Texas Instruments TLK1501IRCPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
TLK1501
0.6 TO 1.5 GBPS TRANSCEIVER
SLLS428F − JUNE 2000 − REVISED JANUARY 2004
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TTL input electrical characteristics over recommended operating conditions (unless otherwise
noted), TTL signals: TXDO−TXD15, GTX_CLK, LOOPEN, LCKREFN, PRBS_EN
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VIH
High-level input voltage
See Figure 10
1.7
3.6
V
VIL
Low-level input voltage
See Figure 10
0.80
V
IIH
Input high current
VDD = MAX, VIN = 2 V
40
µA
IIL
Input low current
VDD = MAX, VIN = 0.4 V
−40
µA
CI
0.8 V to 2 V
4
pF
tr
Rise time, GTX_CLK, TX_EN, TX_ER, TXD
0.8 V to 2 V, C = 5 pF,
See Figure 10
1
ns
tf
Fall time, GTX_CLK, TX_EN, TX_ER, TXD
2 V to 0.8 V, C = 5 pF,
See Figure 10
1
ns
tsu
TXD, TX_EN, TX_ER setup to
↑ GTX_CLK
See Figure 10
1.5
ns
th
TXD, TX_EN, TX_ER hold to
↑ GTX_CLK
See Figure 10
0.4
ns
TXD[0−15]
2.0 V
0.8 V
2.0 V
0.8 V
GTX_CLK
TX_ER, TX_EN,
tsu
th
tf
tr
0 V
3.6 V
0 V
3.6 V
tr
tf
Figure 10. TTL Data Input Valid Levels for ac Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com