Electronic Components Datasheet Search
  English  ▼

X  

TLV6003 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV6003
Description  TLV6003 980-nA, 16-V, Precision, Rail-to-Rail Input and Output, Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6003 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV6003 Datasheet HTML 4Page - Texas Instruments TLV6003 Datasheet HTML 5Page - Texas Instruments TLV6003 Datasheet HTML 6Page - Texas Instruments TLV6003 Datasheet HTML 7Page - Texas Instruments TLV6003 Datasheet HTML 8Page - Texas Instruments TLV6003 Datasheet HTML 9Page - Texas Instruments TLV6003 Datasheet HTML 10Page - Texas Instruments TLV6003 Datasheet HTML 11Page - Texas Instruments TLV6003 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
1.2
1.5
1.8
2.1
2.4
2.7
0
50
100
150
200
TA = –40°C
IOH – High-Level Output Current – mA
TA = –0°C
TA = 25 °C
TA = 70 °C
TA = 125 °C
0
20
40
60
80
100
120
f – Frequency – Hz
1
10
100
1k
10k
VCC=2.7, 5, 15 V
RF=100 kW
RI=1 kW
–150
–100
–50
0
50
100
150
200
–0.2 0.4
1.0
1.6
2.2
2.8
3.4
4.0
4.6
5.2
VICR – Common Mode Input Voltage – V
IIO
IIB
–0.1
–150
–100
–50
0
50
100
150
200
250
–0.2
2.0
4.2
6.4
8.6
10.8
13.0
15.2
VICR – Common-Mode Input Voltage –V
IIO
IIB
–0.1
–200
–100
0
100
200
300
400
500
600
700
–40 –25 –10 5
20 35
50 65 80 95 110 125
TA – Free-Air Temperature – °C
IIO
IIB
–150
–100
–50
0
50
100
150
200
250
300
350
400
–0.2
0.2
0.6
1.0
1.4
1.8
2.2
2.6 2.9
VICR – Common Mode Input Voltage – V
IIO
IIB
–0.1
8
TLV6003
SLOS981 – OCTOBER 2019
www.ti.com
Product Folder Links: TLV6003
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C and VCC = 5 V (unless otherwise noted)
VCC = 15 V
Figure 7. Input Bias Current and Offset Current vs Free-Air
Temperature
VCC = 2.7 V
Figure 8. Input Bias Current and Offset Current vs Common-
Mode Input Voltage
VCC = 5.0 V
Figure 9. Input Bias Current and Offset Current vs Common-
Mode Input Voltage
VCC = 15.0 V
Figure 10. Input Bias Current and Offset Current vs
Common-Mode Input Voltage
Figure 11. Common-Mode Rejection Ratio vs Frequency
Figure 12. High-Level Output Voltage vs High-Level Output
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com