Electronic Components Datasheet Search
  English  ▼

X  

TLV6003 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV6003
Description  TLV6003 980-nA, 16-V, Precision, Rail-to-Rail Input and Output, Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6003 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV6003 Datasheet HTML 9Page - Texas Instruments TLV6003 Datasheet HTML 10Page - Texas Instruments TLV6003 Datasheet HTML 11Page - Texas Instruments TLV6003 Datasheet HTML 12Page - Texas Instruments TLV6003 Datasheet HTML 13Page - Texas Instruments TLV6003 Datasheet HTML 14Page - Texas Instruments TLV6003 Datasheet HTML 15Page - Texas Instruments TLV6003 Datasheet HTML 16Page - Texas Instruments TLV6003 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
TLV6003
www.ti.com
SLOS981 – OCTOBER 2019
Product Folder Links: TLV6003
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Reverse-Battery Protection
The TLV6003 is protected against reverse-battery voltage up to 18 V. When subjected to reverse-battery
conditions, the supply current is typically 50 nA at 25°C (inputs grounded and outputs open). This current is
determined by the leakage of internal Schottky diodes, and therefore increases as the ambient temperature
increases.
When subjected to reverse-battery conditions, and negative voltages are applied to the inputs or outputs, the
input ESD structure conducts current; limit this current to less than 10 mA. If the inputs or outputs are referred to
ground rather than midrail, no extra precautions are required.
7.3.2 Common-Mode Input Range
The TLV6003 has rail-to-rail inputs and outputs. For common-mode inputs from –0.1 V to VCC – 0.8 V, a PNP
differential pair provides the gain.
For inputs between VCC – 0.8 V and VCC, two NPN emitter followers buffering a second PNP differential pair
provide the gain.
This special combination of a NPN and PNP differential pair enables the inputs to be taken 5 V greater than VCC.
As the inputs rise to greater than VCC, the NPNs change from functioning as transistors to functioning as diodes.
This change leads to an increase in input bias current. The second PNP differential pair continues to function
normally as the inputs exceed VCC.
The TLV6003 has a negative common-mode input voltage range that can fall to less than VGND by 100 mV. If the
inputs are taken to less than VGND – 0.1, reduced open-loop gain will be observed.
7.4 Device Functional Modes
The TLV6003 has a single functional mode and is operational when the power-supply voltage is greater than 2.5
V. The maximum specified power-supply voltage for the TLV6003 is 16 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com