Electronic Components Datasheet Search
  English  ▼

X  

TLV803 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV803
Description  TLV8x3 3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV803 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV803 Datasheet HTML 4Page - Texas Instruments TLV803 Datasheet HTML 5Page - Texas Instruments TLV803 Datasheet HTML 6Page - Texas Instruments TLV803 Datasheet HTML 7Page - Texas Instruments TLV803 Datasheet HTML 8Page - Texas Instruments TLV803 Datasheet HTML 9Page - Texas Instruments TLV803 Datasheet HTML 10Page - Texas Instruments TLV803 Datasheet HTML 11Page - Texas Instruments TLV803 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8 Detailed Description
8.1 Overview
The TLV803 family of supervisory circuits provides circuit initialization and timing supervision. The TLV853 and
TLV863 are both functionally equivalent to the TLV803. These devices output a logic low whenever VDD drops
below the negative-going threshold voltage (VIT–). The output, RESET, remains low for approximately 200 ms
after the VDD voltage exceeds the positive-going threshold voltage (VIT– + Vhys). These devices are designed to
ignore fast transients on the VDD pin.
8.2 Functional Block Diagram
R2
_
+
R1
VDD
GND
RESET
TLV8x3
Oscillator
Reference
Voltage
of 1.137 V
Reset
Logic
+
Timer
8.3 Feature Description
8.3.1 VDD Transient Rejection
The TLV803 has built-in rejection of fast transients on the VDD pin. The rejection of transients depends on both
the duration and the amplitude of the transient. The amplitude of the transient is measured from the bottom of
the transient to the negative threshold voltage of the TLV803, as shown in Figure 8-1.
V
DD
Transient
Amplitude
Duration
V
IT-
tw
Figure 8-1. Voltage Transient Measurement
The TLV803 does not respond to transients that are fast duration/low amplitude or long duration/small amplitude.
Transients meeting or longer than the tw specified in the switching characteristics section triggers a reset.
TLV803, TLV853, TLV863
SBVS157E – APRIL 2011 – REVISED DECEMBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TLV803 TLV853 TLV863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com