Electronic Components Datasheet Search
  English  ▼

X  

TLV803 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV803
Description  TLV8x3 3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV803 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV803 Datasheet HTML 7Page - Texas Instruments TLV803 Datasheet HTML 8Page - Texas Instruments TLV803 Datasheet HTML 9Page - Texas Instruments TLV803 Datasheet HTML 10Page - Texas Instruments TLV803 Datasheet HTML 11Page - Texas Instruments TLV803 Datasheet HTML 12Page - Texas Instruments TLV803 Datasheet HTML 13Page - Texas Instruments TLV803 Datasheet HTML 14Page - Texas Instruments TLV803 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
GND
V
DD
RESET
RST
TLV803Z
Microprocessor
10kW
0.1 mF
2.5V
5.0V
Figure 9-2. Output Voltage Level Shifting
9.2 Typical Application
Figure 9-3 shows TLV803S being used to monitor the supply rail for a DSP, FPGA, or ASIC.
3.3V
TLV803S
DSP/FPGA/ASIC
GND
GND
RESET
RESET
V
DD
3.3-VLDO
GND
OUT
IN
5V
V
DD
Figure 9-3. Typical Application
9.2.1 Design Requirements
This design calls for a 3.3-V rail to be monitored. The design resets if the supply rail falls below 2.93 V. The
output must satisfy 3.3-V CMOS logic.
9.2.2 Detailed Design Procedure
Select the TLV803S to satisfy the voltage threshold requirement.
Place a pullup resistor on RESET to VDD in order to satisfy the output logic requirement.
www.ti.com
TLV803, TLV853, TLV863
SBVS157E – APRIL 2011 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV803 TLV853 TLV863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com