Electronic Components Datasheet Search
  English  ▼

X  

EGS2016AFB Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # EGS2016AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGS2016AFB Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  EGS2016AFB Datasheet HTML 1Page - Eaton All Rights Reserved. EGS2016AFB Datasheet HTML 2Page - Eaton All Rights Reserved. EGS2016AFB Datasheet HTML 3Page - Eaton All Rights Reserved. EGS2016AFB Datasheet HTML 4Page - Eaton All Rights Reserved. EGS2016AFB Datasheet HTML 5Page - Eaton All Rights Reserved. EGS2016AFB Datasheet HTML 6Page - Eaton All Rights Reserved. EGS2016AFB Datasheet HTML 7Page - Eaton All Rights Reserved. EGS2016AFB Datasheet HTML 8Page - Eaton All Rights Reserved. EGS2016AFB Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
V9-T1-2
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Product Overview
Circuit Breaker Selection Guide
For our complete product offering, see Volume 4—Circuit Protection, CA08100005E.
Description
Series G
Molded Case Circuit Breaker
Universal
Molded Case Circuit Breakers
QUICKLAG® Type QC
Miniature Circuit Breakers
Page V9-T1-5
Page V9-T1-13
Page V9-T1-19
General Applications
Line protection—molded case switch, motor circuit
protection (combination tested with Eaton starters
and contactors) thermal-magnetic and electronic
trip units.
Line protection—feeder and branch thermal-
magnetic trip unit.
Used to provide branch circuit protection in
cable-in/out panel or DIN rail mount
applications.
Technical Data
Maximum current rating
2500A
600A
100A
Maximum voltage—AC
690 Vac
480 Vac
240 Vac
Maximum voltage—DC
250 Vdc
250 Vdc
80 Vdc
Poles
1, 2, 3, 4
1, 2, 3
QC = 1, 2, 3, 4
QCD = 1, 2, 3
QCR/QCF = 1, 2, 3
Max. interrupting capacities
See individual catalogs for
limitations and back-up
protection requirements.
Three-pole at 240V
E = 200 kA
J = 200 kA
L = 200 kA
Three-pole at 480V
E = 100 kA
J = 200 kA
L = 200 kA
Three-pole at 240V
G = 25 kA (480/277)
F = 25 kA
J = 35 kA
K = 35 kA
L = 35 kA
Three-pole at 480V
GI = 14 kA (480/277)
GD = 22 kA
F = 14 kA
J = 20 kA
K = 20 kA
L = 20 kA
65 kA at 240 Vac
5 kA at 80 Vdc
Approvals
UL® 489
IEC 60947-2
CE
CSA®
KEMA-KEUR
CCC
UL 489CE
IEC 60947-2
CE
CSA
UL 489
CSA 22.2
Environmental Data
Humidity
Non-condensing 100% relative humidity
Non-condensing 100% relative humidity
—
Shock
———
Vibration
—
—
—
Operating temperature
–20° to 70°C (–4° to 158°F) derating applies
–20° to 70°C (–4° to 158°F) derating applies
40°C (104°F)
Dielectric strength
Below 250A 6 kV
Above 250A 8 kV
Below 250A 6 kV
Above 250A 8 kV
1960 Vac (acc. to UL 489)
Insulation resistance
750 Vac
750 Vac
—
Endurance/life
250A: EG, JG = 8,000 operations
630A: LG = 6,000 operations
250A: Gi = 10,000 operations
Fi = 8,000 operations
400A: Ji, Ki, Li = 6,000 operations
>10,000 operations
Approximate weight
E Three-pole—2.88 lbs (1.04 kg)
J Three-pole—5.06 lbs (2.30 kg)
L Three-pole—12.36 lbs (5.61 kg)
G Three-pole—2.10 lbs (0.95 kg)
F Three-pole—4.5 lbs (2.0 kg)
J Three-pole—12.50 lbs (5.7 kg)
K Three-pole—11.50 lbs (5.2 kg)
QC
Single-pole—0.36 lbs (162.8 g)
Two-pole—0.61 lbs (274.9 g)
Three-pole—1.14 lbs (518.3 g)
QCD Single-pole—0.43 lbs (195.3 g)
Two-pole—0.89 lbs (401.9 g)
Three-pole—1.34 lbs (605.6 g)
QCR Single-pole—0.22 lbs (97.9 g)
Two-pole—0.48 lbs (215.8 g)
Three-pole—0.70 lbs (315.6 g)
QCF Single-pole—0.24 lbs (109.9 g)
Two-pole—0.50 lbs (225.2 g)
Three-pole—0.74 lbs (335.1 g)
Mounting configuration
Backpan, plug-in adapter, DIN rail (E)
Backpan, DIN rail (G)
Panel mount, front mount, 35 mm DIN rail
mountable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com