Electronic Components Datasheet Search
  English  ▼

X  

EGS2016AFB Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # EGS2016AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGS2016AFB Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  EGS2016AFB Datasheet HTML 1Page - Eaton All Rights Reserved. EGS2016AFB Datasheet HTML 2Page - Eaton All Rights Reserved. EGS2016AFB Datasheet HTML 3Page - Eaton All Rights Reserved. EGS2016AFB Datasheet HTML 4Page - Eaton All Rights Reserved. EGS2016AFB Datasheet HTML 5Page - Eaton All Rights Reserved. EGS2016AFB Datasheet HTML 6Page - Eaton All Rights Reserved. EGS2016AFB Datasheet HTML 7Page - Eaton All Rights Reserved. EGS2016AFB Datasheet HTML 8Page - Eaton All Rights Reserved. EGS2016AFB Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-5
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Series G Molded Case Circuit Breakers
Features
●
Field-fit accessories
●
Common accessories through 630A
●
Space-saving footprint
●
High-performance current limiting designs up to
200 kAIC at 480V
●
Global ready: UL, CSA, CE, IEC, KEMA-KEUR listings
●
Complete breaker includes frame, trip unit, standard
terminals and mounting hardware
Catalog Number Selection
Series G® Molded Case Circuit Breakers
EG Frame
Notes
1 Available only as 125 and 160A sizes.
2 Is not UL rated.
Frame
E
Performance
600Y/347
480
415
240
B
—
181825
E
18
25
25
35
S
22
35
40
85
H
25
65
70
100
C
35
100
100
200
K
Molded case switch 1
Standard/Application
G = IEC/CE/UL/CSA
Amperes
016 2
015
020
025
030
032 2
035
040
045
050
060
063 2
070
080
090
100
110
125
Number of Poles
1 = One
2 = Two
3 = Three
4 = Four—Neutral 0% Protected
7 = Four—Neutral 100% Protected
Trip Unit
FF = Fixed fixed
AF = Adjustable thermal
fixed magnetic
KS = Molded case switch
E G H 3 015 FF G
Terminations/Hardware
Terminals
Mounting Hardware
M = Metric end caps
E = Imperial end caps
G = Line/load standard
B = Bolt-on
Metric
Imperial
Metric
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com