Electronic Components Datasheet Search
  English  ▼

X  

LP3999 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3999
Description  Low Noise 150mA Voltage Regulator for RF/Analog Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3999 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3999_03 Datasheet HTML 1Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 2Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 3Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 4Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 5Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 6Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 7Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 8Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Ordering Information
For micro SMD Package
Output Voltage
(V)
Grade
LP3999 Supplied as 250
Units, Tape and Reel
LP3999 Supplied as
3000 Units, Tape and
Reel
Package
Marking
1.5
STD
LP3999ITL-1.5
LP3999ITLX-1.5
1.6 (Note 2)
STD
LP3999ITL-1.6
LP3999ITLX-1.6
1.7(Note 2)
STD
LP3999ITL-1.7
LP3999ITLX-1.7
1.8
STD
LP3999ITL-1.8
LP3999ITLX-1.8
1.875
STD
LP3999ITL-1.875
LP3999ITLX-1.875
1.9 (Note 2)
STD
LP3999ITL-1.9
LP3999ITLX-1.9
2.0(Note 2)
STD
LP3999ITL-2.0
LP3999ITLX-2.0
2.1 (Note 2)
STD
LP3999ITL-2.1
LP3999ITLX-2.1
2.2(Note 2)
STD
LP3999ITL-2.2
LP3999ITLX-2.2
2.4
STD
LP3999ITL-2.4
LP3999ITLX-2.4
2.5
STD
LP3999ITL-2.5
LP3999ITLX-2.5
2.6(Note 2)
STD
LP3999ITL-2.6
LP3999ITLX-2.6
2.8
STD
LP3999ITL-2.8
LP3999ITLX-2.8
3.0(Note 2)
STD
LP3999ITL-3.0
LP3999ITLX-3.0
3.3
STD
LP3999ITL-3.3
LP3999ITLX-3.3
For micro SMD Package UNLEADED
Output Voltage
(V)
Grade
LP3999 Supplied as 250
Units, Tape and Reel
LP3999 Supplied as
3000 Units, Tape and
Reel
Package
Marking
1.5 (Note 2)
STD
LP3999ITL-1.5 NOPB
LP3999ITLX-1.5 NOPB
1.6 (Note 2)
STD
LP3999ITL-1.6 NOPB
LP3999ITLX-1.6 NOPB
1.7 (Note 2)
STD
LP3999ITL-1.7 NOPB
LP3999ITLX-1.7 NOPB
1.8 (Note 2)
STD
LP3999ITL-1.8 NOPB
LP3999ITLX-1.8 NOPB
1.875 (Note 2)
STD
LP3999ITL-1.875 NOPB
LP3999ITLX-1.875 NOPB
1.9 (Note 2)
STD
LP3999ITL-1.9 NOPB
LP3999ITLX-1.9 NOPB
2.0(Note 2)
STD
LP3999ITL-2.0 NOPB
LP3999ITLX-2.0 NOPB
2.1 (Note 2)
STD
LP3999ITL-2.1 NOPB
LP3999ITLX-2.1 NOPB
2.2(Note 2)
STD
LP3999ITL-2.2 NOPB
LP3999ITLX-2.2 NOPB
2.4 (Note 2)
STD
LP3999ITL-2.4 NOPB
LP3999ITLX-2.4 NOPB
2.5 (Note 2)
STD
LP3999ITL-2.5 NOPB
LP3999ITLX-2.5 NOPB
2.6(Note 2)
STD
LP3999ITL-2.6 NOPB
LP3999ITLX-2.6 NOPB
2.8 (Note 2)
STD
LP3999ITL-2.8 NOPB
LP3999ITLX-2.8 NOPB
3.0(Note 2)
STD
LP3999ITL-3.0 NOPB
LP3999ITLX-3.0 NOPB
3.3(Note 2)
STD
LP3999ITL-3.3 NOPB
LP3999ITLX-3.3 NOPB
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com