Electronic Components Datasheet Search
  English  ▼

X  

LP3999 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3999
Description  Low Noise 150mA Voltage Regulator for RF/Analog Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3999 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3999_03 Datasheet HTML 1Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 2Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 3Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 4Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 5Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 6Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 7Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 8Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Ordering Information (Continued)
For LLP-6 Package
Output Voltage
(V)
Grade
LP3999 Supplied as 1000
Units, Tape and Reel
LP3999 Supplied as
4500 Units, Tape and
Reel
Package
Marking
1.5 (Note 2)
STD
LP3999ILD-1.5
LP3999ILDX-1.5
L032B
1.6(Note 2)
STD
LP3999ILD-1.6
LP3999ILDX-1.6
L033B
1.8 (Note 2)
STD
LP3999ILD-1.8
LP3999ILDX-1.8
L034B
1.875(Note 2)
STD
LP3999ILD-1.875
LP3999ILDX-1.875
1.9 (Note 2)
STD
LP3999ILD-1.9
LP3999ILDX-1.9
L035B
2..0 (Note 2)
STD
LP3999ILD-2.0
LP3999ILDX-2.0
2.1 (Note 2)
STD
LP3999ILD-2.1
LP3999ILDX-2.1
L036B
2.2 (Note 2)
STD
LP3999ILD-2.2
LP3999ILDX-2.2
2.4 (Note 2)
STD
LP3999ILD-2.4
LP3999ILDX-2.4
2.5 (Note 2)
STD
LP3999ILD-2.5
LP3999ILDX-2.5
L037B
2.6 (Note 2)
STD
LP3999ILD-2.6
LP3999ILDX-2.6
2.8 (Note 2)
STD
LP3999ILD-2.8
LP3999ILDX-2.8
L038B
3.0 (Note 2)
STD
LP3999ILD-3.0
LP3999ILDX-3.0
L039B
3.3 (Note 2)
STD
LP3999ILD-3.3
LP3999ILDX-3.3
L040B
Note 1: Available in sample quantities only
Note 2: For availability contact your local sales office
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com