Electronic Components Datasheet Search
  English  ▼

X  

TMP107 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP107
Description  TMP107 Digital Temperature Sensor With Bidirectional UART One-Wire Interface and EEPROM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP107 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP107 Datasheet HTML 17Page - Texas Instruments TMP107 Datasheet HTML 18Page - Texas Instruments TMP107 Datasheet HTML 19Page - Texas Instruments TMP107 Datasheet HTML 20Page - Texas Instruments TMP107 Datasheet HTML 21Page - Texas Instruments TMP107 Datasheet HTML 22Page - Texas Instruments TMP107 Datasheet HTML 23Page - Texas Instruments TMP107 Datasheet HTML 24Page - Texas Instruments TMP107 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
21
TMP107
www.ti.com
SBOS716D – MAY 2015 – REVISED JANUARY 2020
Product Folder Links: TMP107
Submit Documentation Feedback
Copyright © 2015–2020, Texas Instruments Incorporated
7.5 Programming
7.5.1 EEPROM
The TMP107 has an internal EEPROM that is used to program and store values for writable registers, such as
the configuration, high limit, and low limit registers. The EEPROM also has eight, 16-bit locations of general-
purpose memory. By programming the configuration register, the EEPROM is used to store critical, system
information, such as unique calibration information for the host, unique system serial ID, or a user-specific
conversion rate. During the reset event, the data from the EEPROM are copied into the corresponding registers.
Two registers that are not updated by the EEPROM are the temperature register and die identification register.
The electrical and timing specifications for the EEPROM are provided in the Specifications section. See Table 3
for the register map to the eight, internal EEPROM locations (register addresses 6h to Dh).
7.5.2 EEPROM Operations
7.5.2.1 EEPROM Unlock
After power up, the EEPROM is locked for programming by default. When locked, all writes to the EEPROM are
ignored. In order to program the EEPROM, first unlock the memory for programming by writing logic 1 to NUS
(bit 0 in the temperature register) using a regular write communication. EEPROM locations are readable whether
locked or unlocked. Locking the EEPROM by default is a protection provided to prevent unintentional triggering
of EEPROM programming during normal device operations.
7.5.2.2 EEPROM Lock
If the EEPROM is unlocked for programming, make sure to lock the EEPROM after the programming operations.
Lock the EEPROM by writing logic 0 to NUS (bit 0 in the temperature register).
7.5.2.3 EEPROM Programming
After the EEPROM is unlocked, a write to any EEPROM-associated register triggers EEPROM programming. A
programming event takes up to 16 ms, depending on the device conditions; therefore, space out successive
commands in 16-ms write periods.
Poll BUSY (bit 1 in the temperature register) to check the EEPROM programming status. The BUSY bit = 1 when
the EEPROM program is in progress. The BUSY bit = 0 after programming is complete and the EEPROM is
ready for another program operation. While the EEPROM is being programmed, writes to every other register are
prevented in order to protect device data from corruption until programming is complete.
When the global write operation is issued to program the EEPROM locations, all of the devices in the daisy chain
specified within the address field perform the programming simultaneously. This simultaneous programming
leads to an increase in current in the supply wire of the daisy chain, and may create a drop in the supply voltage.
It is important to maintain the supply voltage at greater than 1.8 V during the EEPROM programming in order to
program devices in the daisy chain.
7.5.2.4 EEPROM Acquire or Read
The EEPROM locations that store the power-on reset values of the registers are automatically loaded into the
corresponding registers at reset. The general-purpose EEPROM locations are readable even when the EEPROM
is locked. While a read is performed on an EEPROM location in the register map, there is a slightly longer delay
in the stop bit (~100 µs) between the pointer phase and the phase data in the communication in order to allow
the EEPROM to be read. The standard UART protocol allows for such delays when the UART transceiver is
being used. The amount of current consumption from the EEPROM read is negligible compared to the current
consumption from communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com