Electronic Components Datasheet Search
  English  ▼

X  

TMUX121 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMUX121
Description  TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX121 Datasheet(HTML) 5 Page - Texas Instruments

  TMUX121 Datasheet HTML 1Page - Texas Instruments TMUX121 Datasheet HTML 2Page - Texas Instruments TMUX121 Datasheet HTML 3Page - Texas Instruments TMUX121 Datasheet HTML 4Page - Texas Instruments TMUX121 Datasheet HTML 5Page - Texas Instruments TMUX121 Datasheet HTML 6Page - Texas Instruments TMUX121 Datasheet HTML 7Page - Texas Instruments TMUX121 Datasheet HTML 8Page - Texas Instruments TMUX121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
6.5 Electrical Characteristics
Over operating free-air temperature and supply voltage range (unless otherwise noted)
Typical at VDD = 3.3 V TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDDQ
VDD quiescent supply current
EN = VDD
1.3
4
µA
IDD
VDD supply current
EN = 0 V
11
30
µA
RON
On-resistance
VS = 0 V , IS = –8 mA
3
5.4
Ω
VS = 2.4 V , IS = –8 mA
3.9
8
Ω
ΔRON
On-resistance mismatch between channels
VS = 0 V , IS = –8 mA
0.5
Ω
VS = 2.4 V , IS = –8 mA
0.5
Ω
RON FLAT
On-resistance flatness
VS = 0 V and VS = 2.4 V; IS = –8 mA
1
Ω
IS(ON)
ID(ON)
Channel on leakage current (Sx, Dx)
Switch state is on
VD = VS = 3.6 V
2
µA
Switch state is on
VD = VS = 0 V
0.2
µA
IS(OFF)
Source off leakage current (Sx)
Switch state is off
VS = 3.6 V
2
µA
ID(OFF)
Drain off leakage current (Dx)
Switch state is off
VD = 3.6 V
2
µA
I(POFF)
Powered-off leakage current (Sx, Dx)
VCC = 0 V, VD or VS = 3.6 V
10
µA
VIH
Logic voltage high (EN, SEL)
1.4
3.6
V
VIL
Logic voltage low (EN, SEL)
0
0.4
IIL
Input leakage current (EN, SEL)
0.2
µA
IIH
Input leakage current (EN, SEL)
1
µA
IIH
Failsafe Input leakage current (EN, SEL)
VCC = 0 V, VEN or VSEL = 3.6 V
10
µA
6.6 Switching Characteristics
over operating free-air temperature and supply voltage range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tTRAN
Transition time from control input (SEL)
RL = 50 Ω, CL = 10 pF
1
µs
tON
Turn-on time from control input (EN)
RL = 50 Ω, CL = 10 pF
16
µs
tOFF
Turn-off time from control input (EN)
RL = 50 Ω, CL = 10 pF
0.5
µs
tPD
Switch propagation delay (Sx to Dx or Dx to Sx)
60
80
ps
tSKEW_INTRA
Intra-pair propagation delay skew for same channel
2
10
ps
tSKEW_INTER
Inter-pair propagation delay skew between channels
2
10
ps
BW
–3-dB bandwidth
3
GHz
IL
Differential insertion loss
f = 10 MHz
-0.3
dB
OISO
Differential OFF isolation (D to SA/SB)
f = 10 MHz
-56
dB
XTALK
Differential cross-talk (SA to SB or SB to SA)
f = 10 MHz
-64
dB
CS(ON)
CD(ON)
On capacitance
f = 10 MHz
1.7
pF
www.ti.com
TMUX121
SCDS381 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMUX121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com