Electronic Components Datasheet Search
  English  ▼

X  

TMUX121 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMUX121
Description  TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX121 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMUX121 Datasheet HTML 4Page - Texas Instruments TMUX121 Datasheet HTML 5Page - Texas Instruments TMUX121 Datasheet HTML 6Page - Texas Instruments TMUX121 Datasheet HTML 7Page - Texas Instruments TMUX121 Datasheet HTML 8Page - Texas Instruments TMUX121 Datasheet HTML 9Page - Texas Instruments TMUX121 Datasheet HTML 10Page - Texas Instruments TMUX121 Datasheet HTML 11Page - Texas Instruments TMUX121 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TMUX121 is an analog high-speed mux or demux that can be used for routing differential as well as single
ended signals through it. The device can be used for many interfaces including I2C and I3C.
An available GPIO pin of a controller or hard tie to voltage level H or L can easily control the mux or
demux selection pin (SEL) of the device as an application requires. The switch path is passive and therefore
bidirectional.
8.2 Typical Applications
8.2.1 Signal Expansion (I3C and I2C)
There are many applications in which microprocessors or controllers have a limited number of I/Os. The
TMUX121 solution can effectively expand the limited I/Os by switching between multiple buses to interface them
to a single microprocessor or controller. A common application where the TMUX121 is as a I3C 1:2 multiplexer.
In this application, the TMUX121 is used to route communicating between different peripherals from a single
controller or driver within a server, as shown in Figure 8-1. The high bandwidth of the TMUX121 will preserve
signal integrity at even the fastest communication protocols that may be used in server applications, such as I3C.
Also, because I3C is backwards compatible, any of the peripherals can also be I2C, and the TMUX121 will still
support it.
3.3 V
I3C/I2C Driver
I3C/I2C Peripheral
Port B
EN SEL
GND
D1
D2
VDD
Switch
Control Logic
0.1 µF
I3C/I2C Peripheral
Port A
S1A
S2A
S1B
S2B
SCL
SDA
SCL
SDA
SCL
SDA
Figure 8-1. Typical Application
TMUX121
SCDS381 – AUGUST 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com