Electronic Components Datasheet Search
  English  ▼

X  

SN54LS14 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS14
Description  Hex Schmitt-Trigger Inverters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LS14 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN54LS14 Datasheet HTML 7Page - Texas Instruments SN54LS14 Datasheet HTML 8Page - Texas Instruments SN54LS14 Datasheet HTML 9Page - Texas Instruments SN54LS14 Datasheet HTML 10Page - Texas Instruments SN54LS14 Datasheet HTML 11Page - Texas Instruments SN54LS14 Datasheet HTML 12Page - Texas Instruments SN54LS14 Datasheet HTML 13Page - Texas Instruments SN54LS14 Datasheet HTML 14Page - Texas Instruments SN54LS14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
tPHL
tPLH
tPLH
tPHL
Input
Out-of-Phase
Output
3 V
0 V
VOL
VOH
VOH
VOL
In-Phase
Output
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
3 V
3 V
0 V
0 V
th
tsu
Timing
Input
Data
Input
1.3 V
1.3 V
1.3 V
VCC
RL
From Output
Under Test
CL
Test
Point
5 k
Ω
S1
S2
High-Level
Pulse
Low-Level
Pulse
1.3 V
1.3 V
1.3 V
1.3 V
tw
VCC
RL
From Output
Under Test
CL
Test
Point
VCC
RL
Test
Point
From Output
Under Test
CL
11
SN5414, SN54LS14, SN7414, SN74LS14
www.ti.com
SDLS049C – DECEMBER 1983 – REVISED NOVEMBER 2016
Product Folder Links: SN5414 SN54LS14 SN7414 SN74LS14
Submit Documentation Feedback
Copyright © 1983–2016, Texas Instruments Incorporated
7.2 Series SN54LS14 and SN74LS14 Devices
Figure 21. Load Circuit For
2-State Totem-Pole Outputs
Figure 22. Load Circuit For
Open-Collector Outputs
Figure 23. Load Circuit For 3-State Outputs
Figure 24. Voltage Waveforms Pulse Durations
Figure 25. Voltage Waveforms
Setup and Hold Times
Figure 26. Voltage Waveforms
Propagation Delay Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com