Electronic Components Datasheet Search
  English  ▼

X  

SN54LS14 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS14
Description  Hex Schmitt-Trigger Inverters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LS14 Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN54LS14 Datasheet HTML 16Page - Texas Instruments SN54LS14 Datasheet HTML 17Page - Texas Instruments SN54LS14 Datasheet HTML 18Page - Texas Instruments SN54LS14 Datasheet HTML 19Page - Texas Instruments SN54LS14 Datasheet HTML 20Page - Texas Instruments SN54LS14 Datasheet HTML 21Page - Texas Instruments SN54LS14 Datasheet HTML 22Page - Texas Instruments SN54LS14 Datasheet HTML 23Page - Texas Instruments SN54LS14 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Dec-2020
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74LS14DG4
ACTIVE
SOIC
D
14
50
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
0 to 70
LS14
SN74LS14DR
ACTIVE
SOIC
D
14
2500
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
0 to 70
LS14
SN74LS14DRE4
ACTIVE
SOIC
D
14
2500
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
0 to 70
LS14
SN74LS14DRG4
ACTIVE
SOIC
D
14
2500
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
0 to 70
LS14
SN74LS14N
ACTIVE
PDIP
N
14
25
RoHS & Green
NIPDAU
N / A for Pkg Type
0 to 70
SN74LS14N
SN74LS14NE4
ACTIVE
PDIP
N
14
25
RoHS & Green
NIPDAU
N / A for Pkg Type
0 to 70
SN74LS14N
SN74LS14NSR
ACTIVE
SO
NS
14
2000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
0 to 70
74LS14
SNJ5414J
ACTIVE
CDIP
J
14
1
Non-RoHS &
Non-Green
SNPB
N / A for Pkg Type
-55 to 125
SNJ5414J
SNJ5414W
ACTIVE
CFP
W
14
1
Non-RoHS &
Non-Green
SNPB
N / A for Pkg Type
-55 to 125
SNJ5414W
SNJ54LS14FK
ACTIVE
LCCC
FK
20
1
Non-RoHS &
Non-Green
POST-PLATE
N / A for Pkg Type
-55 to 125
5962-
9665801Q2A
SNJ54LS
14FK
SNJ54LS14J
ACTIVE
CDIP
J
14
1
Non-RoHS &
Non-Green
SNPB
N / A for Pkg Type
-55 to 125
5962-9665801QC
A
SNJ54LS14J
SNJ54LS14W
ACTIVE
CFP
W
14
1
Non-RoHS &
Non-Green
SNPB
N / A for Pkg Type
-55 to 125
5962-9665801QD
A
SNJ54LS14W
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com