Electronic Components Datasheet Search
  English  ▼

X  

TPD6F002 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPD6F002
Description  TPD6F002 Six-Channel EMI Filter for LCD Display and FPD-Link
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD6F002 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPD6F002 Datasheet HTML 2Page - Texas Instruments TPD6F002 Datasheet HTML 3Page - Texas Instruments TPD6F002 Datasheet HTML 4Page - Texas Instruments TPD6F002 Datasheet HTML 5Page - Texas Instruments TPD6F002 Datasheet HTML 6Page - Texas Instruments TPD6F002 Datasheet HTML 7Page - Texas Instruments TPD6F002 Datasheet HTML 8Page - Texas Instruments TPD6F002 Datasheet HTML 9Page - Texas Instruments TPD6F002 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Ch_In
Ch_Out
GND
C1 = 17 pF
C2 = 17 pF
100
Copyright © 2016, Texas Instruments Incorporated
6
TPD6F002
SLLS876B – AUGUST 2008 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPD6F002
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPD6F002 is a highly-integrated ESD protection and EMI filtering device intended for use where small size
and ease of routing are important. Common applications include LCD display interfaces, memory interfaces,
GPIO lines, and FPD-Link.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Six-Channel EMI Filtering
This device provides six channels for EMI filtering of data lines with the following parameters:
•
–57-dB Crosstalk Attenuation at 100 MHz
•
–35-dB Insertion Loss at 800 MHz
•
–3-dB Bandwidth at 100 MHz
7.3.2 Pi-Style Filter Configuration
This device has a pi-style filtering configuration composed of a series resistor and two capacitors in parallel with
the I/O pins. The typical resistor value is 100
Ω and the typical capacitor values are 17 pF each.
7.3.3 Robust ESD Protection
The ESD protection on all pins exceeds the IEC 61000-4-2 level 4 standard. Contact ESD is rated at ±20 kV and
Air-gap ESD is rated at ±30 kV.
7.3.4 Low Leakage Current
The I/O pins feature an ultra-low leakage current of 20 nA (maximum) with a bias of 3.3 V
7.3.5 Space-Saving WSON Package
The layout of this device makes it easy to add protection to existing layouts. The packages offer flow-through
routing which requires minimal changes to existing layout for addition of these devices. Additionally, the device
offers a small, space-saving package that takes a minimal footprint on the board.
7.4 Device Functional Modes
The TPD6F002 is a passive integrated circuit that passively filters EMI and triggers when voltages are above VBR
or below the lower diode voltage (–0.6 V). During ESD events, voltages as high as ±30 kV (air) can be directed
to ground through the internal diode network. Once the voltages on the protected line fall below the trigger levels,
the device reverts to passive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com