Electronic Components Datasheet Search
  English  ▼

X  

TPD6F002 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPD6F002
Description  TPD6F002 Six-Channel EMI Filter for LCD Display and FPD-Link
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD6F002 Datasheet(HTML) 1 Page - Texas Instruments

  TPD6F002 Datasheet HTML 1Page - Texas Instruments TPD6F002 Datasheet HTML 2Page - Texas Instruments TPD6F002 Datasheet HTML 3Page - Texas Instruments TPD6F002 Datasheet HTML 4Page - Texas Instruments TPD6F002 Datasheet HTML 5Page - Texas Instruments TPD6F002 Datasheet HTML 6Page - Texas Instruments TPD6F002 Datasheet HTML 7Page - Texas Instruments TPD6F002 Datasheet HTML 8Page - Texas Instruments TPD6F002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Ch_In
Ch_Out
GND
C1 = 17 pF
C2 = 17 pF
100
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPD6F002
SLLS876B – AUGUST 2008 – REVISED MAY 2016
TPD6F002 Six-Channel EMI Filter for LCD Display and FPD-Link
1
1 Features
1
•
Six-Channel EMI Filtering for Data Ports
–
–57-dB Crosstalk Attenuation at 100 MHz
–
–35-dB Insertion Loss at 800 MHz
–
–3-dB Bandwidth at 100 MHz
•
Robust ESD Protection Exceeds IEC 61000-4-2
(Level 4)
–
±20-kV IEC 61000-4-2 Contact Discharge
–
±30-kV IEC 61000-4-2 Air-Gap Discharge
•
Pi-Style (C-R-C) Filter Configuration
(R = 100
Ω, CTOTAL = 34 pF)
•
Low Leakage Current: 20 nA (Maximum)
•
Space-Saving WSON Package (3 mm × 1.35 mm)
2 Applications
•
LCD Display Interface
•
GPIO
•
Memory Interface
•
Data Lines at Flex Cables
•
FPD-Link
3 Description
The TPD6F002 device is a highly-integrated device
that
provides
a
six-channel
Electromagnetic
Interference (EMI) filter and a TVS based ESD
protection diode array. The low-pass filter array
suppresses EMI/RFI emissions for data ports subject
to electromagnetic interference. The TVS diode array
is rated to dissipate ESD strikes above the maximum
level specified in the IEC 61000-4-2 international
standard. The high level of integration, combined with
its small easy-to-route DSV package, allows this
device to provide great circuit protection for LCD
displays, memory interfaces, GPIO lines, and FPD-
Link.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPD6F002
WSON (12)
3.00 mm × 1.35 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Equivalent Schematic Representation


Similar Part No. - TPD6F002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD6F002 TI-TPD6F002 Datasheet
390Kb / 12P
SIX-CHANNEL EMI FILTER FOR LCD DISPLAY/KEYPAD APPLICATION
TPD6F002 TI1-TPD6F002 Datasheet
929Kb / 19P
Automotive ESD Protection and EMI Filter for LCD Displays and FPD-Link
TPD6F002 TI2-TPD6F002 Datasheet
987Kb / 19P
TPD6F002-Q1 Automotive ESD Protection and EMI Filter for LCD Displays and FPD-Link
REVISED FEBRUARY 2015
TPD6F002-Q1 TI1-TPD6F002-Q1 Datasheet
929Kb / 19P
Automotive ESD Protection and EMI Filter for LCD Displays and FPD-Link
TPD6F002-Q1 TI2-TPD6F002-Q1 Datasheet
987Kb / 19P
TPD6F002-Q1 Automotive ESD Protection and EMI Filter for LCD Displays and FPD-Link
REVISED FEBRUARY 2015
More results

Similar Description - TPD6F002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C387A NSC-DS90C387A Datasheet
416Kb / 19P
Dual Pixel LVDS Display Interface / FPD-Link
DS90C387A NSC-DS90C387A_06 Datasheet
805Kb / 19P
Dual Pixel LVDS Display Interface/FPD-Link
logo
Texas Instruments
TPD6F002 TI-TPD6F002 Datasheet
390Kb / 12P
SIX-CHANNEL EMI FILTER FOR LCD DISPLAY/KEYPAD APPLICATION
TPD4F202 TI-TPD4F202 Datasheet
697Kb / 11P
FOUR,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
TPD4F202 TI-TPD4F202_1 Datasheet
863Kb / 13P
FOUR-,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
DS90UR907Q-Q1 TI1-DS90UR907Q-Q1 Datasheet
1Mb / 35P
24-Bit Color FPD-Link to FPD-Link II Converter
TPD4F202 TI1-TPD4F202_15 Datasheet
1,008Kb / 18P
Four or Six-Channel EMI Filter
DS90C387A TI1-DS90C387A_11 Datasheet
842Kb / 21P
Dual Pixel LVDS Display Interface / FPD-Link
DS90CR561 TI1-DS90CR561_13 Datasheet
455Kb / 14P
18-Bit Color Flat Panel Display (FPD) Link
TPD6F002-Q1 TI1-TPD6F002-Q1 Datasheet
929Kb / 19P
Automotive ESD Protection and EMI Filter for LCD Displays and FPD-Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com