Electronic Components Datasheet Search
  English  ▼

X  

TPL9201PWPR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPL9201PWPR
Description  8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL9201PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPL9201PWPR Datasheet HTML 1Page - Texas Instruments TPL9201PWPR Datasheet HTML 2Page - Texas Instruments TPL9201PWPR Datasheet HTML 3Page - Texas Instruments TPL9201PWPR Datasheet HTML 4Page - Texas Instruments TPL9201PWPR Datasheet HTML 5Page - Texas Instruments TPL9201PWPR Datasheet HTML 6Page - Texas Instruments TPL9201PWPR Datasheet HTML 7Page - Texas Instruments TPL9201PWPR Datasheet HTML 8Page - Texas Instruments TPL9201PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
TPL9201
8-CHANNEL RELAY DRIVER
WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
SLIS123D – JUNE 2006 – REVISED FEBRUARY 2008
PINOUT CONFIGURATION
NO.
NAME
I/O
DESCRIPTION
1
ZVS
O
Zero-voltage synchronization
2
OUT1
O
Low-side output 1
3
OUT2
O
Low-side output 2
4
OUT3
O
Low-side output 3
5
OUT4
O
Low-side output 4
6
OUT5
O
Low-side output 5
7
OUT6
O
Low-side output 6
8
OUT7
O
Low-side output 7
9
OUT8
O
Low-side output 8
10(1)
GND
I
Ground
11(1)
GND
I
Ground
12
EN1
I
Enable/disable for OUT1
13
RDELAY
O
Power-up reset delay
14(2)
RST
I/O
Power-on reset output (open drain, active low)
15
MOSI
I
Serial data input
16
NCS
I
Chip select
17
SCLK
I
Serial clock for data synchronization
18
5VOUT
O
Regulated output
19
VIN
I
Unregulated input voltage source
20
SYN
I
AC zero detect input
(1)
Terminals 10 and 11 are fused internally in the lead frame for the 20-pin PDIP package.
(2)
Terminal 14 can be used as an input or an output.
2
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TPL9201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com