Electronic Components Datasheet Search
  English  ▼

X  

TPL9201PWPR Datasheet(PDF) 5 Page - Texas Instruments

Part # TPL9201PWPR
Description  8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL9201PWPR Datasheet(HTML) 5 Page - Texas Instruments

  TPL9201PWPR Datasheet HTML 1Page - Texas Instruments TPL9201PWPR Datasheet HTML 2Page - Texas Instruments TPL9201PWPR Datasheet HTML 3Page - Texas Instruments TPL9201PWPR Datasheet HTML 4Page - Texas Instruments TPL9201PWPR Datasheet HTML 5Page - Texas Instruments TPL9201PWPR Datasheet HTML 6Page - Texas Instruments TPL9201PWPR Datasheet HTML 7Page - Texas Instruments TPL9201PWPR Datasheet HTML 8Page - Texas Instruments TPL9201PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Dissipation Ratings
Recommended Operating Conditions
TPL9201
8-CHANNEL RELAY DRIVER
WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
SLIS123D – JUNE 2006 – REVISED FEBRUARY 2008
MIN
MAX
UNIT
VIN
24
VI(unreg)
Unregulated input voltage(2) (3)
V
SYN
24
EN1, MOSI, SCLK, and NCS
7
VI(logic)
Logic input voltage(2) (3)
V
RST and RDELAY
7
VO
Low-side output voltage
OUT1–OUT8
16.5
V
OUTn = ON and shorted to VIN
ILIMIT
Output current limit(4)
350
mA
with low impedance
N package
69
θ
JA
Thermal impedance, junction to ambient(5)
°C/W
PWP package
33
N package
54
θ
JC
Thermal impedance, junction to case(5)
°C/W
PWP package
20
θ
JP
Thermal impedance, junction to thermal pad(5)
PWP package
1.4
°C/W
N package
1.8
PD
Continuous power dissipation(6)
W
PWP package
3.7
ESD
Electrostatic discharge(7)
2
kV
TA
Operating ambient temperature range
–40
125
°C
Tstg
Storage temperature range
–65
125
°C
Tlead
Lead temperature
Soldering, 10 s
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
(3)
Absolute negative voltage on these pins must not go below –0.5 V.
(4)
Not more than one output should be shorted at a time, and duration of the short circuit should not exceed 1 ms.
(5)
The thermal data is based on using 1-oz copper trace with JEDEC 51-5 test board for PWP and JEDEC 51-7 test board for N.
(6)
The data is based on ambient temperature of 25
°C max.
(7)
The Human-Body Model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin.
TA ≤ 25°C
DERATING FACTOR
TA = 125°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
N
1812 mW
14.5 mW/
°C
362 mW
PWP
3787 mW
30.3 mW/
°C
757 mW
MIN
MAX
UNIT
VIN
7
18
VI(unreg)
Unregulated input voltage
V
SYN
0
18
VI(logic)
Logic input voltage
EN1, MOSI, SCLK, NCS, RST, and RDELAY
0
5.25
V
TA
Operating ambient temperature
–40
125
°C
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPL9201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com