Electronic Components Datasheet Search
  English  ▼

X  

TPPM0302 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPPM0302
Description  400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPPM0302 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPPM0302 Datasheet HTML 2Page - Texas Instruments TPPM0302 Datasheet HTML 3Page - Texas Instruments TPPM0302 Datasheet HTML 4Page - Texas Instruments TPPM0302 Datasheet HTML 5Page - Texas Instruments TPPM0302 Datasheet HTML 6Page - Texas Instruments TPPM0302 Datasheet HTML 7Page - Texas Instruments TPPM0302 Datasheet HTML 8Page - Texas Instruments TPPM0302 Datasheet HTML 9Page - Texas Instruments TPPM0302 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TPPM0302
400-mA LOW-DROPOUT REGULATOR
WITH AUXILIARY POWER MANAGEMENT AND POK
SLVS316 – NOVEMBER 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4. 5VCC Power Up (5VAUX = 5 V)
3.3VOUT (offset = 3.3V)
5VCC (offset = 4.5V)
5VAUX (offset = 4.8V)
(400mA load)
Figure 5. 5VCC Power Up (3.3VAUX = 3.3 V)
3.3VAUX (offset = 3.3V)
5VCC (offset = 4.5V)
3.3VOUT (offset = 3.3V)
(400mA load)
Figure 6. 5VAUX Power Up (3.3VAUX = 3.3 V)
3.3VAUX (offset = 3.3V)
(400mA load)
5VAUX (offset = 4.5V)
Figure 7. 5VCC Power Down (3.3VAUX = 3.3 V)
5VCC (offset = 4.3V)
(400mA load)
3.3VOUT (offset = 3.3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com