Electronic Components Datasheet Search
  English  ▼

X  

TPPM0302 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPPM0302
Description  400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPPM0302 Datasheet(HTML) 1 Page - Texas Instruments

  TPPM0302 Datasheet HTML 1Page - Texas Instruments TPPM0302 Datasheet HTML 2Page - Texas Instruments TPPM0302 Datasheet HTML 3Page - Texas Instruments TPPM0302 Datasheet HTML 4Page - Texas Instruments TPPM0302 Datasheet HTML 5Page - Texas Instruments TPPM0302 Datasheet HTML 6Page - Texas Instruments TPPM0302 Datasheet HTML 7Page - Texas Instruments TPPM0302 Datasheet HTML 8Page - Texas Instruments TPPM0302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TPPM0302
400-mA LOW-DROPOUT REGULATOR
WITH AUXILIARY POWER MANAGEMENT AND POK
SLVS316 – NOVEMBER 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Automatic Input Voltage Source Selection
D Glitch-Free Regulated Output
D 5-V Input Voltage Source Detector With
Hysteresis
D 400-mA Load Current Capability With 5-V or
3.3-V Input Source
D Power OK Feature Based on Voltage
Supervisor of 3.3VOUT
D Low rDS(on) Auxiliary Switch
D Thermally Enhanced PowerPAD™
Packaging Concept for Efficient Heat
Management
description
The TPPM0302 is a low-dropout regulator with auxiliary power management that provides a constant 3.3-V
supply at the output capable of driving a 400-mA load.
The TPPM0302 provides a regulated power output for systems that have multiple input sources and require a
constant voltage source with a low-dropout voltage. This is a single output, multiple input, intelligent power
source selection device with a low-dropout regulator for either 5VCC or 5VAUX inputs, and a low-resistance
bypass switch for the 3.3VAUX input.
Transitions may occur from one input supply to another without generating a glitch, outside of the specification
range, on the 3.3-V output. The device has an incorporated reverse blocking scheme to prevent excess leakage
from the input terminals in the event that the output voltage is greater than the input voltage. The output voltage
is continually monitored for constant output, and any deviation from the internal set limit (
≈2.8 V) is reported by
a low signal on the POK output.
The input voltage is prioritized in the following order: 5VCC, 5VAUX, and 3.3VAUX.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
8
7
6
5
1
2
3
4
DGN PACKAGE
(TOP VIEW)
5VAUX
5VCC
3.3VOUT
3.3VAUX
NC
GND
NC
POK
NC – No connect
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - TPPM0302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0302 TI-TPPM0302 Datasheet
239Kb / 12P
400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
TPPM0302 TI-TPPM0302 Datasheet
414Kb / 16P
400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
TPPM0302DGN TI-TPPM0302DGN Datasheet
414Kb / 16P
400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
TPPM0302DGNG4 TI-TPPM0302DGNG4 Datasheet
414Kb / 16P
400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
TPPM0302DGNR TI-TPPM0302DGNR Datasheet
414Kb / 16P
400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
More results

Similar Description - TPPM0302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0302 TI-TPPM0302 Datasheet
239Kb / 12P
400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
SN105125 TI-SN105125 Datasheet
201Kb / 13P
150-mA LOW DROPOUT REGULATOR WITH POK
logo
Advanced Analog Technol...
AAT1205 AAT-AAT1205 Datasheet
442Kb / 21P
400-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL OUTPUT POWER MANAGEMENT
V 1.0
logo
Texas Instruments
TPPM0303 TI-TPPM0303 Datasheet
211Kb / 10P
250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0301 TI-TPPM0301 Datasheet
246Kb / 12P
400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0304 TI1-TPPM0304 Datasheet
259Kb / 14P
250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0125 TI1-TPPM0125 Datasheet
211Kb / 13P
150-mA LOW DROPOUT REGULATOR WITH POK
SN105125 TI1-SN105125_12 Datasheet
533Kb / 15P
150-mA LOW DROPOUT REGULATOR WITH POK
TPPM0302DGN TI-TPPM0302DGN Datasheet
414Kb / 16P
400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
TPPM0303 TI-TPPM0303_15 Datasheet
384Kb / 13P
250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com