Electronic Components Datasheet Search
  English  ▼

X  

TPL9202PWPR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPL9202PWPR
Description  8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL9202PWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPL9202PWPR Datasheet HTML 1Page - Texas Instruments TPL9202PWPR Datasheet HTML 2Page - Texas Instruments TPL9202PWPR Datasheet HTML 3Page - Texas Instruments TPL9202PWPR Datasheet HTML 4Page - Texas Instruments TPL9202PWPR Datasheet HTML 5Page - Texas Instruments TPL9202PWPR Datasheet HTML 6Page - Texas Instruments TPL9202PWPR Datasheet HTML 7Page - Texas Instruments TPL9202PWPR Datasheet HTML 8Page - Texas Instruments TPL9202PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
DETAILED DESCRIPTION
TPL9202
8-CHANNEL RELAY DRIVER
WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
SLIS124D – JUNE 2006 – REVISED FEBRUARY 2008
The 5-V regulator is powered from VIN, and the regulated output is within 5 V ± 5% over the operating conditions.
The open-drain power-on reset (RST) pin remains low until the regulator exceeds the set threshold, and the timer
value set by the capacitor on the reset delay (RDELAY) pin expires. If both of these conditions are satisfied, RST is
asserted high. This signifies to the microcontroller that serial communications can be initiated to the TPL9202.
The serial communications is an 8-bit format, with data transfer synchronized using a serial clock from the
microcontroller. A single register controls all the outputs (one bit per output). The default value is zero (OFF). If
an output requires pulse width modulation (PWM) function, the register must be updated at a rate faster than the
desired PWM frequency. OUT1 can be controlled by serial input from the microcontroller or with the dedicated
enable (EN1) pin. If EN1 is pulled low or left open, the serial input through the shift register controls OUT1. If
EN1 is pulled high, OUT1 always is turned on, and the serial input for OUT1 is ignored.
The brown-out (BO) input is a resistor divided from the input supply and is used to determine if the supply
voltage drops to undesired levels. If the input drops below the programmed value, BO_OUTZ is pulled low, and
all outputs are disabled. Once the input supply line returns to the minimum desired level, the outputs are enabled
to the previous programmed states.
If RST is asserted, all outputs are turned OFF internally, and the input register is reset to all zeroes. The
microcontroller must write to the register to turn the outputs ON again.
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TPL9202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com