Electronic Components Datasheet Search
  English  ▼

X  

TPL9202PWPR Datasheet(PDF) 9 Page - Texas Instruments

Part # TPL9202PWPR
Description  8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL9202PWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPL9202PWPR Datasheet HTML 5Page - Texas Instruments TPL9202PWPR Datasheet HTML 6Page - Texas Instruments TPL9202PWPR Datasheet HTML 7Page - Texas Instruments TPL9202PWPR Datasheet HTML 8Page - Texas Instruments TPL9202PWPR Datasheet HTML 9Page - Texas Instruments TPL9202PWPR Datasheet HTML 10Page - Texas Instruments TPL9202PWPR Datasheet HTML 11Page - Texas Instruments TPL9202PWPR Datasheet HTML 12Page - Texas Instruments TPL9202PWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
Timing Requirements
Reset Delay (RDELAY)
TPL9202
8-CHANNEL RELAY DRIVER
WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
SLIS124D – JUNE 2006 – REVISED FEBRUARY 2008
TA = –40°C to 125°C, VIN = 7 V to 18 V (unless otherwise noted)
MIN
TYP
MAX
UNIT
fSPI
SPI frequency
4
MHz
T1
Delay time, NCS falling edge to SCLK rising edge
10
ns
T2
Delay time, NCS falling edge to SCLK falling edge
80
ns
T3
Pulse duration, SCLK high
60
ns
T4
Pulse duration, SCLK low
60
ns
T5
Delay time, last SCLK falling edge to NCS rising edge
80
ns
T6
Setup time, MOSI valid before SCLK edge
10
ns
T7
Hold time, MOSI valid after SCLK edge
10
ns
T8
Time between two words for transmitting
170
ns
The RDELAY output provides a constant current source to charge an external capacitor to approximately 6.5 V.
The external capacitor is selected to provide a delay time, based on the current equation for a capacitor,
I = C(
Δv/Δt) and a 28-
µA typical output current.
Therefore, the user should select a 47-nF capacitor to provide a 6-ms delay at 3.55 V.
I = C(
Δv/Δt)
28
µA = C × (3.55 V/6 ms)
C = 47 nF
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPL9202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com