Electronic Components Datasheet Search
  English  ▼

X  

TPS72201DBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS72201DBVT
Description  LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS72201DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS72201DBVT Datasheet HTML 4Page - Texas Instruments TPS72201DBVT Datasheet HTML 5Page - Texas Instruments TPS72201DBVT Datasheet HTML 6Page - Texas Instruments TPS72201DBVT Datasheet HTML 7Page - Texas Instruments TPS72201DBVT Datasheet HTML 8Page - Texas Instruments TPS72201DBVT Datasheet HTML 9Page - Texas Instruments TPS72201DBVT Datasheet HTML 10Page - Texas Instruments TPS72201DBVT Datasheet HTML 11Page - Texas Instruments TPS72201DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TPS72201, TPS72215
TPS72216, TPS72218
SLVS390B – DECEMBER 2001 – REVISED MAY 2002
www.ti.com
8
TPS72215
1.8 V
1.5 V
Boost Converter
3.3 V
1.8 V – 3 V
VIO
VCORE
DSP or
Controller
Two AAA
Batteries
Figure 17. Dual Supply Application Circuit
EXTERNAL CAPACITOR REQUIREMENTS
A 0.1-
µF ceramic bypass capacitor is required on both the input and output for stability. Larger capacitors improve transient
response, noise rejection, and ripple rejection. A higher value electrolytic input capacitor may be necessary if large, fast
rise time load transient are anticipated, and/or there is significant input resistance from the device to the input power supply.
POWER DISSIPATION AND JUNCTION TEMPERATURE
Specified regulator operation is assured to a junction temperature of 125
°C; the maximum junction temperature allowable
without damaging the device is 150
°C. This restriction limits the power dissipation the regulator can handle in any given
application. To ensure the junction temperature is within acceptable limits, calculate the maximum allowable dissipation,
PD(max), and the actual dissipation, PD, which must be less than or equal to PD(max).
The maximum-power-dissipation limit is determined using the following equation:
P
D(max) +
T
J
max
* T
A
RqJA
Where:
TJmax is the maximum allowable junction temperature.
RθJA is the thermal resistance junction-to-ambient for the package, see the power dissipation rating
table.
TA is the ambient temperature.
The regulator dissipation is calculated using:
P
D +
V
I *
V
O
I
O
Power dissipation resulting from quiescent current is negligible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com