Electronic Components Datasheet Search
  English  ▼

X  

TPS72201DBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS72201DBVT
Description  LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS72201DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS72201DBVT Datasheet HTML 5Page - Texas Instruments TPS72201DBVT Datasheet HTML 6Page - Texas Instruments TPS72201DBVT Datasheet HTML 7Page - Texas Instruments TPS72201DBVT Datasheet HTML 8Page - Texas Instruments TPS72201DBVT Datasheet HTML 9Page - Texas Instruments TPS72201DBVT Datasheet HTML 10Page - Texas Instruments TPS72201DBVT Datasheet HTML 11Page - Texas Instruments TPS72201DBVT Datasheet HTML 12Page - Texas Instruments TPS72201DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TPS72201, TPS72215
TPS72216, TPS72218
SLVS390B – DECEMBER 2001 – REVISED MAY 2002
www.ti.com
9
PROGRAMMING THE TPS72201 ADJUSTABLE LDO REGULATOR
The output voltage of the TPS72201 adjustable regulator is programmed using an external resistor divider as shown in
Figure 18. The output voltage is calculated using:
V
O +
V
ref
1
) R1
R2
(1)
Where:
Vref = 1.225 V typ (the internal reference voltage)
Resistors R1 and R2 should be chosen for approximately 10-
µA divider current. Lower value resistors can be used but offer
no inherent advantage and waste more power. Higher values should be avoided, as leakage currents at FB increase the
output
voltage
error.
The
recommended
design
procedure
is
to
choose
R2 = 121 k
Ω to set the divider current at 10 µA and then calculate R1 using:
R1
+
V
O
V
ref
* 1
R2
(2)
Where:
Vref = 1.225
VO
VI
OUT
FB
R2
GND
EN
IN
≤0.9 V
≥1.7 V
TPS72201
† 1% values shown.
3
1
4
2
R1
5
0.1
µF
OUTPUT
VOLTAGE
(V)
R1
R2
2.5
3.3
127
205
121
121
OUTPUT VOLTAGE
PROGRAMMING GUIDE
DIVIDER RESISTANCE
(k
Ω)†
0.1
µF
Figure 18. TPS72201 Adjustable LDO Regulator Programming
REGULATOR PROTECTION
The TPS722xx pass element has a built-in back diode that safely conducts reverse current when the input voltage drops
below the output voltage (e.g., during power down). Current is conducted from the output to the input and is not internally
limited. If extended reverse voltage is anticipated, external limiting might be appropriate.
The TPS722xx also features internal current limiting and thermal protection. During normal operation, the TPS722xx limits
output current to approximately 350 mA. When current limiting engages, the output voltage scales back linearly until the
overcurrent condition ends. While current limiting is designed to prevent gross device failure, care should be taken not to
exceed the power dissipation ratings of the package. If the temperature of the device exceeds 170
°C, thermal-protection
circuitry shuts it down. Once the device has cooled down to below 150
°C, regulator operation resumes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com