Electronic Components Datasheet Search
  English  ▼

X  

TPS767D301MPWPREP Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS767D301MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS767D301MPWPREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS767D301MPWPREP Datasheet HTML 5Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 6Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 7Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 8Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 9Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 10Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 11Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 12Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
100k
10k
f − Frequency − Hz
70
60
50
40
30
20
10
0
−10
90
80
1k
100
10
1M
VO = 3.3 V
VI = 4.3 V
CO = 10 µF
IO = 1 A
TA = 25°C
TA − Free-Air Temperature − °C
92
84
72
90
88
82
80
78
76
74
86
−40
0
−20
100
−60
120
20
40
60
80
140
VO = 3.3 V
VI = 4.3 V
IO = 500 mA
IO = 1 A
IO = 1 mA
TA − Free-Air Temperature − °C
94
86
74
92
90
84
82
80
78
76
88
−40
0
−20
100
−60
120
20
40
60
80
140
IO = 500 mA
IO = 1 A
IO = 1 mA
96
VO = 1.8 V
VI = 2.8 V
TA − Free-Air Temperature − °C
−40
0
20
120
103
−60
40
60
80 100
102
101
100
10−1
10−2
−20
140
IO = 1 A
IO = 10 mA
IO = 0
VO = 3.3 V
CO = 10 µF
f − Frequency − kHz
101
102
105
106
0
10−1
10−2
104
103
IO = 1 mA
IO = 1 A
VI = 4.3 V
CO = 10 µF
TA = 25°C
f − Frequency − Hz
102
103
104
105
10−5
10−6
10−8
10−7
IO = 7 mA
IO = 1 A
VI = 4.3 V
CO = 10 µF
TA = 25°C
t − Time −
µs
5.3
60
40
20
80 100
140
120
160 180 200
VO = 3.3 V
CL = 10 µF
TA = 25°C
0
4.3
10
0
−10
t − Time −
µs
VO = 1.8 V
VI = 2.8 V
CL = 100 µF
TA = 25°C
1
0.5
0
0
60
40
20
80 100
140
120
160 180 200
0
50
100
−50
−100
20
0
3.8
2.8
t − Time −
µs
0
60
40
20
80 100
140
120
160 180 200
VO = 1.8 V
IL = 10 mA
CL = 10 µF
TA = 25°C
−20
TPS767D301-EP
www.ti.com
SGLS327A – FEBRUARY 2006 – REVISED APRIL 2010
TYPICAL CHARACTERISTICS (continued) (continued)
POWER-SUPPLY RIPPLE
GROUND CURRENT
GROUND CURRENT
REJECTION
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREQUENCY
Figure 9.
Figure 10.
Figure 11.
OUTPUT SPECTRAL NOISE
DENSITY
OUTPUT IMPEDANCE
DROPOUT VOLTAGE
vs
vs
vs
FREQUENCY
FREQUENCY
FREE-AIR TEMPERATURE
Figure 12.
Figure 13.
Figure 14.
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 15.
Figure 16.
Figure 17.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS767D301-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com