Electronic Components Datasheet Search
  English  ▼

X  

TPS767D301MPWPREP Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS767D301MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS767D301MPWPREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS767D301MPWPREP Datasheet HTML 7Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 8Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 9Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 10Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 11Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 12Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 13Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 14Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
IO − Output Current − mA
0.1
0
200
400
600
800
1000
10
1
0.01
Region of Instability
VO = 3.3 V
Co = 4.7 µF
VI = 4.3 V
TJ = 125°C
Region of Stability
Region of Instability
0.1
0
200
400
600
800
1000
10
IO − Output Current − mA
1
0.01
VO = 3.3 V
Co = 4.7 µF
VI = 4.3 V
TA = 25°C
Region of Stability
Region of Instability
Region of Instability
0.1
0
200
400
600
800
1000
10
1
IO − Output Current − mA
Region of Stability
Region of Instability
VO = 3.3 V
Co = 22 µF
VI = 4.3 V
TJ = 125°C
0.01
Region of Instability
0.1
0
200
400
600
800
1000
10
IO − Output Current − mA
1
Region of Instability
Region of Stability
VO = 3.3 V
Co = 22 µF
VI = 4.3 V
TA = 25°C
0.01
Region of Instability
TPS767D301-EP
www.ti.com
SGLS327A – FEBRUARY 2006 – REVISED APRIL 2010
TYPICAL CHARACTERISTICS (continued)(1)
TYPICAL REGION OF STABILITY
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE (ESR)
EQUIVALENT SERIES RESISTANCE (ESR)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 22.
Figure 23.
TYPICAL REGION OF STABILITY
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE (ESR)
EQUIVALENT SERIES RESISTANCE (ESR)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 24.
Figure 25.
(1)
Equivalent series resistance (ESR) refers to the total series resistance, including the ESR of the capacitor, any series resistance added
externally, and PWB trace resistance to CO.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS767D301-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com