Electronic Components Datasheet Search
  English  ▼

X  

TPS767D301PWPR Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS767D301PWPR
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS767D301PWPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS767D301PWPR Datasheet HTML 8Page - Texas Instruments TPS767D301PWPR Datasheet HTML 9Page - Texas Instruments TPS767D301PWPR Datasheet HTML 10Page - Texas Instruments TPS767D301PWPR Datasheet HTML 11Page - Texas Instruments TPS767D301PWPR Datasheet HTML 12Page - Texas Instruments TPS767D301PWPR Datasheet HTML 13Page - Texas Instruments TPS767D301PWPR Datasheet HTML 14Page - Texas Instruments TPS767D301PWPR Datasheet HTML 15Page - Texas Instruments TPS767D301PWPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
R
1
+
V
OUT
V
REF
*1
R
2
(2)
IN
EN
FB/NC
OUT
RESET
RESET Output
GND
+
C
OUT
10 F
m
V
OUT
V
IN
250kW
TPS767D301
0.1 F
m
R
2
R
1
>2.7V
<0.5V
OUTPUTVOLTAGE
PROGRAMMINGGUIDE
2.5V
3.3V
3.6V
4.75V
33.2
53.6
61.9
90.8
30.1
30.1
30.1
30.1
R
2
R
1
OUTPUT
VOLTAGE
UNIT
kW
kW
kW
kW
RESET INDICATOR
REGULATOR PROTECTION
TPS767D3xx
SLVS209H – JULY 1999 – REVISED AUGUST 2008......................................................................................................................................................... www.ti.com
The recommended design procedure is to choose R2 = 30.1 kΩ to set the divider current at 40µA and then
calculate R1 using:
Figure 26. TPS767D301 Adjustable LDO Regulator Programming
The TPS767D3xx features a RESET output that can be used to monitor the status of the regulator. The internal
comparator monitors the output voltage: when the output drops to 95% (typical) of its regulated value, the
RESET output transistor turns on, taking the signal low. The open-drain output requires a pullup resistor. If not
used, it can be left floating. RESET can be used to drive power-on reset circuitry or as a low-battery indicator.
The TPS767D3xx PMOS-pass transistor has a built-in back-gate diode that safely conducts reverse currents
when the input voltage drops below the output voltage (for example, during power-down). Current is conducted
from the output to the input and is not internally limited. When extended reverse voltage is anticipated, external
limiting may be appropriate.
The TPS767D3xx also features internal current limiting and thermal protection. During normal operation, the
TPS767D3xx limits output current to approximately 1.7A. When current limiting engages, the output voltage
scales back linearly until the overcurrent condition ends. While current limiting is designed to prevent gross
device failure, care should be taken not to exceed the power dissipation ratings of the package. If the
temperature of the device exceeds +150°C (typ), thermal-protection circuitry shuts it down. Once the device has
cooled below +130°C (typ), regulator operation resumes.
12
Submit Documentation Feedback
Copyright © 1999–2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com