Electronic Components Datasheet Search
  English  ▼

X  

TPS767D301PWPR.B Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS767D301PWPR.B
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS767D301PWPR.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS767D301PWPR.B Datasheet HTML 3Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 4Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 5Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 6Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 7Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 8Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 9Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 10Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TYPICAL CHARACTERISTICS
3.2830
3.2815
3.2800
0.1
0.3
3.2825
3.2820
3.2810
0.2
0.8
1
3.2835
0
0.9
3.2805
0.4
0.5
0.6 0.7
I
OutputCurrent
A
OUT
-
-
V
=3.3V
V =4.3V
T =+25 C
OUT
IN
A
°
0.1
0.3
0.2
0.8
1
0
0.9
0.4
0.5
0.6 0.7
1.7965
1.7960
1.7955
1.7950
1.7945
1.7940
I
OutputCurrent
A
OUT
-
-
V
=1.8V
V =2.8V
T =+25 C
OUT
IN
A
°
2.4955
2.4940
2.4920
0.1
0.3
2.4950
2.4945
2.4935
0.2
0.4
0.6
2.4960
0
0.5
2.4930
2.4925
0.8
0.7
0.9
1
I
OutputCurrent
A
OUT
-
-
V
=2.5V
V =3.5V
T =+25 C
OUT
IN
A
°
1.800
1.785
−40
0
1.810
1.805
1.795
−20
100
140
1.815
−60
120
1.790
20
40
60
80
T
Free-AirTemperature
A
-
-
C
°
V
=1.8V
V =2.8V
OUT
IN
I
=1mA
OUT
I
=1A
OUT
3.31
3.28
3.25
−40
0
3.30
3.29
3.27
−20
100
140
3.32
−60
120
3.26
20
40
60
80
T
Free-AirTemperature
A
-
-
C
°
V
=3.3V
V =4.3V
OUT
IN
I
=1A
OUT
I
=1mA
OUT
−40
0
−20
100
−60
120
20
40
60
80
2.515
2.500
2.480
2.510
2.505
2.495
2.490
2.485
T
Free-AirTemperature
A
-
-
C
°
V
=2.5V
V =3.5V
OUT
IN
I
=1mA
OUT
I
=1A
OUT
100k
10k
70
60
50
40
30
20
10
0
−10
90
80
1k
100
10
1M
f
Frequency
Hz
-
-
V
=3.3V
V =4.3V
C
=10 F
I
=1A
T =+25 C
OUT
IN
OUT
OUT
A
m
°
94
86
74
92
90
84
82
80
78
76
88
−40
0
−20
100
−60
120
20
40
60
80
140
96
T
Free-AirTemperature
A
-
-
C
°
V
=1.8V
V =2.8V
OUT
IN
I
=1mA
OUT
I
=1A
OUT
I
=500mA
OUT
92
84
72
90
88
82
80
78
76
74
86
−40
0
−20
100
−60
120
20
40
60
80
140
T
Free-AirTemperature
A
-
-
C
°
V
=3.3V
V =4.3V
OUT
IN
I
=1mA
OUT
I
=1A
OUT
I
=500mA
OUT
TPS767D3xx
www.ti.com......................................................................................................................................................... SLVS209H – JULY 1999 – REVISED AUGUST 2008
OUTPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 2.
Figure 3.
Figure 4.
OUTPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 5.
Figure 6.
Figure 7.
GROUND CURRENT
GROUND CURRENT
POWER SUPPLY RIPPLE REJECTION
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREQUENCY
Figure 8.
Figure 9.
Figure 10.
Copyright © 1999–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com