Electronic Components Datasheet Search
  English  ▼

X  

TPS767D301PWPR.B Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS767D301PWPR.B
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS767D301PWPR.B Datasheet(HTML) 1 Page - Texas Instruments

  TPS767D301PWPR.B Datasheet HTML 1Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 2Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 3Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 4Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 5Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 6Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 7Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 8Page - Texas Instruments TPS767D301PWPR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
FEATURES
DESCRIPTION
NC
NC
1GND
1IN
1IN
NC
NC
2GND
2IN
2IN
NC
NC
NC=Nointernalconnection
NC
NC
1FB/NC
1OUT
1OUT
NC
NC
NC
2OUT
2OUT
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1EN
2EN
2RESET
1RESET
PWPPACKAGE
(TOPVIEW)
0
20
200
40 60 80 100 120 140 160 180
LINETRANSIENTRESPONSE
V
=3.3V
C =10 F
T =25 C
OUT
L
A
m
°
5.3
4.3
10
0
-
10
t
Time
s
-
- m
10
3
10
2
10
1
10
-
1
10
-
2
10
-
60 -40 -20 0
20
40 60 80 100 120 140
T
Free-AirTemperature
C
A -
-
°
V
=3.3V
C
=10 F
OUT
OUT
m
I
=0
OUT
I
=10mA
OUT
I
=1A
OUT
DROPOUTVOLTAGE
vsFREE-AIRTEMPERATURE
TPS767D3xx
www.ti.com......................................................................................................................................................... SLVS209H – JULY 1999 – REVISED AUGUST 2008
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
Because the PMOS device behaves as a low-value
23
• Dual Output Voltages for Split-Supply
resistor, the dropout voltage is very low (350mV
Applications
typically
at
an
output
current
of
1A
for
the
• Output Current Range of 0mA to 1.0A per
TPS767D325) and is directly proportional to the
Regulator
output current. Additionally, since the PMOS pass
• 3.3V/2.5V, 3.3V/1.8V, and 3.3V/Adjustable
element is a voltage-driven device, the quiescent
Output
current is very low and independent of output loading
(typically 85
µA over the full range of output current,
• Fast-Transient Response
0mA to 1A). These two key specifications yield a
• 2% Tolerance Over Load and Temperature
significant
improvement
in
operating
life
for
• Dropout Voltage Typically 350mV at 1A
battery-powered systems. This LDO family also
features a sleep mode; applying a TTL high signal to
• Ultra-low 85µA Typical Quiescent Current
EN (enable) shuts down the regulator, reducing the
• 1µA Quiescent Current During Shutdown
quiescent current to 1
µA at T
J = +25°C.
• Dual Open-Drain Power-On Reset with 200ms
The RESET output of the TPS767D3xx initiates a
Delay for Each Regulator
reset in microcomputer and microprocessor systems
• 28-Pin PowerPAD™ TSSOP Package
in the event of an undervoltage condition. An internal
• Thermal Shutdown Protection for Each
comparator in the TPS767D3xx monitors the output
voltage of the regulator to detect an undervoltage
Regulator
condition on the regulated output voltage.
The TPS767D3xx is offered in 1.8V, 2.5V, and 3.3V
fixed-voltage versions and in an adjustable version
The TPS767D3xx family of dual voltage regulators
(programmable over the range of 1.5V to 5.5V).
offers fast transient response, low dropout voltages
Output voltage tolerance is specified as a maximum
and
dual
outputs
in
a
compact
package
and
of 2% over line, load, and temperature ranges. The
incorporating stability with 10
µF low ESR output
TPS767D3xx family is available in a 28-pin PWP
capacitors.
TSSOP package. They operate over a junction
The TPS767D3xx family of dual voltage regulators is
temperature range of –40°C to +125°C.
designed primarily for DSP applications. These
devices can be used in any mixed-output voltage
application, with each regulator supporting up to 1A.
Dual active-low reset signals allow resetting of
core-logic and I/O separately.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS767D301PWPR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767D301PWPR TI1-TPS767D301PWPR Datasheet
1Mb / 22P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301PWPR TI1-TPS767D301PWPR Datasheet
1Mb / 22P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301PWPRG4 TI1-TPS767D301PWPRG4 Datasheet
1Mb / 22P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301PWPRG4 TI1-TPS767D301PWPRG4 Datasheet
1Mb / 22P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS767D301PWPR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
2A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
1A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS767D301-Q1 TI-TPS767D301-Q1 Datasheet
370Kb / 21P
DUAL-OUTPUT LOW-DROPOUT VOLATAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com