Electronic Components Datasheet Search
  English  ▼

X  

TPS767D301 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS767D301
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS767D301 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS767D301 Datasheet HTML 5Page - Texas Instruments TPS767D301 Datasheet HTML 6Page - Texas Instruments TPS767D301 Datasheet HTML 7Page - Texas Instruments TPS767D301 Datasheet HTML 8Page - Texas Instruments TPS767D301 Datasheet HTML 9Page - Texas Instruments TPS767D301 Datasheet HTML 10Page - Texas Instruments TPS767D301 Datasheet HTML 11Page - Texas Instruments TPS767D301 Datasheet HTML 12Page - Texas Instruments TPS767D301 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
+
EN
GND
IN
OUT
V
IN
C
OUT
R
L
ESR
ToLoad
0.1
0
200
400
600
800
1000
10
1
0.01
RegionofInstability
RegionofStability
RegionofInstability
V
=3.3V
C
=4.7 F
V =4.3V
T =+125 C
OUT
OUT
IN
A
m
°
I
OutputCurrent
mA
OUT
-
-
0.1
0
200
400
600
800
1000
10
1
0.01
RegionofStability
RegionofInstability
RegionofInstability
V
=3.3V
C
=4.7 F
V =4.3V
T =+25 C
OUT
OUT
IN
A
m
°
I
OutputCurrent
mA
OUT
-
-
0.1
0
200
400
600
800
1000
10
1
0.01
RegionofInstability
RegionofStability
RegionofInstability
V
=3.3V
C
=22 F
V =4.3V
T =+25 C
OUT
OUT
IN
A
m
°
I
OutputCurrent
mA
OUT
-
-
0.1
0
200
400
600
800
1000
10
1
0.01
RegionofStability
RegionofInstability
RegionofInstability
V
=3.3V
C
=22 F
V =4.3V
T =+125 C
OUT
OUT
IN
A
m
°
I
OutputCurrent
mA
OUT
-
-
TPS767D3xx
www.ti.com......................................................................................................................................................... SLVS209H – JULY 1999 – REVISED AUGUST 2008
Figure 20. Test Circuit for Typical Regions of Stability (Figure 21 through Figure 24)
(Fixed Output Options)
Equivalent series resistance (ESR) refers to the total series resistance, including the ESR of the capacitor, any
resistance added externally, and PWB trace resistance to COUT.
TYPICAL REGION OF STABILITY
TYPICAL REGION OF STABILITY
ESR vs OUTPUT CURRENT
ESR vs OUTPUT CURRENT
Figure 21.
Figure 22.
TYPICAL REGION OF STABILITY
TYPICAL REGION OF STABILITY
ESR vs OUTPUT CURRENT
ESR vs OUTPUT CURRENT
Figure 23.
Figure 24.
Copyright © 1999–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com