Electronic Components Datasheet Search
  English  ▼

X  

TPS767D301 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS767D301
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS767D301 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS767D301 Datasheet HTML 9Page - Texas Instruments TPS767D301 Datasheet HTML 10Page - Texas Instruments TPS767D301 Datasheet HTML 11Page - Texas Instruments TPS767D301 Datasheet HTML 12Page - Texas Instruments TPS767D301 Datasheet HTML 13Page - Texas Instruments TPS767D301 Datasheet HTML 14Page - Texas Instruments TPS767D301 Datasheet HTML 15Page - Texas Instruments TPS767D301 Datasheet HTML 16Page - Texas Instruments TPS767D301 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
POWER DISSIPATION AND JUNCTION TEMPERATURE
P
D max +
T
J max *TA
R
Q
JA
(3)
P
D
+ VIN*VOUT
I
OUT
(4)
TPS767D3xx
www.ti.com......................................................................................................................................................... SLVS209H – JULY 1999 – REVISED AUGUST 2008
Specified regulator operation is assured to a junction temperature of +125°C; the maximum junction temperature
should be restricted to +125°C under normal operating conditions. This restriction limits the power dissipation the
regulator can handle in any given application. To ensure the junction temperature is within acceptable limits,
calculate the maximum allowable dissipation, PDmax, and the actual dissipation, PD, which must be less than or
equal to PDmax.
The maximum-power-dissipation limit is determined using the following equation:
Where:
• T
Jmax is the maximum allowable junction temperature.
• RθJA is the thermal resistance junction-to-ambient for the package, that is, 28°C/W for the 28-terminal PWP
with no airflow.
• T
A is the ambient temperature.
The regulator dissipation is calculated using:
Power dissipation resulting from quiescent current is negligible. Excessive power dissipation will trigger the
thermal protection circuit.
Copyright © 1999–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com