Electronic Components Datasheet Search
  English  ▼

X  

UG2D Datasheet(PDF) 2 Page - Multicomp Pro

Part # UG2D
Description  Ultra-Fast Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

UG2D Datasheet(HTML) 2 Page - Multicomp Pro

  UG2D Datasheet HTML 1Page - Multicomp Pro UG2D Datasheet HTML 2Page - Multicomp Pro UG2D Datasheet HTML 3Page - Multicomp Pro UG2D Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <2>
V1.0
28/01/13
Ultra-Fast Diode
Note 1: Thermal resistance from junction to ambient at 0.375ʺ (9.5mm) lead length.
Note 2: Pulse test: 300μs pulse width, 1% duty cycle.
Ratings and Characteristic Curves (TA = 25°C unless otherwise noted)
Electrical Characteristics:
Rating at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage at 2.0A (Note 2)
VF
0.95
V
Maximum DC Reverse Current
TA = 25°C
at Rated DC Blocking Voltage
TA = 100°C
IR
5
200
μA
Maximum Reverse Recovery Time at IF = 0.5A, IR = 1.0A, Irr = 0.25A
trr
15
nS
Maximum Reverse Recovery Time at
TJ = 25°C
IF = 2.0A, VR = 30V, di/dt = 50A/μs, Irr = 10% IRM
TJ = 100°C
25
35
Maximum Recovered Stored Charge
TJ = 25°C
IF = 2.0A, VR = 30V, di/dt = 50A/μs, Irr = 10% IRM
TJ = 100°C
QRR
10
22
nC
Typical Junction Capacitance at 4V, 1MHz
CJ
15
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com