Electronic Components Datasheet Search
  English  ▼

X  

UG2D Datasheet(PDF) 1 Page - Multicomp Pro

Part # UG2D
Description  Ultra-Fast Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

UG2D Datasheet(HTML) 1 Page - Multicomp Pro

  UG2D Datasheet HTML 1Page - Multicomp Pro UG2D Datasheet HTML 2Page - Multicomp Pro UG2D Datasheet HTML 3Page - Multicomp Pro UG2D Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
28/01/13
Ultra-Fast Diode
Maximum Ratings and Electrical Characteristics:
Rating at 25°C ambient temperature unless otherwise specified.
Features:
• Plastic package
• Ideally suited for use in very high frequency switching power supplies, inverters and as free wheeling diodes
• Ultrafast recovery time for high efficiency
• Excellent high temperature switching
• Soft recovery characteristics
• Glass passivated junction
• High temperature soldering guaranteed: 250°C/10 seconds, 0.375ʺ (9.5mm) lead length, 5lbs. (2.3kg) tension
Parameter
Symbol
UG2D
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
200
V
Maximum RMS Voltage
VRMS
140
Maximum DC Blocking Voltage
VDC
200
Maximum Average Forward Rectified Current at 0.375ʺ
(9.5mm) Lead Length at TL = 75ºC
IF(AV)
2.0
A
Peak Forward Surge Current 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC Method) at TL = 75ºC
IFSM
80
Typical Thermal Resistance (Note 1)
RθJA
45
°C/W
Operating Junction and Storage Temperature Range
TJ , TSTG
-55 to +150°C
°C
Note 1: Thermal resistance from junction to ambient at 0.375ʺ (9.5mm) lead length.
Specifications:
Mechanical Data:
Case
: JEDEC DO-204AC moulded plastic body over passivated chip
Terminals
: Plated axial leads, solderable per MIL-STD-750, Method 2026
Polarity
: Colour band denotes cathode end
Mounting position
: Any
Weight
: 0.015oz, 0.4g


Similar Part No. - UG2D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG2D GE-UG2D Datasheet
48Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
UG2D VISHAY-UG2D Datasheet
96Kb / 4P
Miniature Ultrafast Plastic Rectifier
20-Aug-07
logo
SEMTECH ELECTRONICS LTD...
UG2D SEMTECH_ELEC-UG2D Datasheet
260Kb / 2P
SUPER FAST RECTIFIERS
logo
Gulf Semiconductor
UG2D GULFSEMI-UG2D Datasheet
86Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 200V CURRENT竊?2.0A
logo
Taiwan Semiconductor Co...
UG2D TSC-UG2D Datasheet
548Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - UG2D

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
31DQ06 NIEC-31DQ06 Datasheet
24Kb / 2P
Ultra - Fast Recovery Diode
logo
Vishay Siliconix
FE5A VISHAY-FE5A Datasheet
166Kb / 6P
Ultra Fast Sinterglass Diode
11-Aug-04
logo
AUK corp
SF10A400H AUK-SF10A400H Datasheet
216Kb / 4P
Ultra Fast Recovery Diode
SF10A600H AUK-SF10A600H Datasheet
200Kb / 4P
Ultra Fast Recovery Diode
logo
New Jersey Semi-Conduct...
FE3A NJSEMI-FE3A Datasheet
112Kb / 3P
Ultra Fast Sinterglass Diode
logo
SemiHow Co.,Ltd.
HDA40U20GW SEMIHOW-HDA40U20GW Datasheet
365Kb / 3P
Ultra Fast Recovery Diode
logo
Renesas Technology Corp
RJU3051TDPP-EJ RENESAS-RJU3051TDPP-EJ Datasheet
102Kb / 4P
Ultra Fast Recovery Diode
RJU4352SDPD-E0 RENESAS-RJU4352SDPD-E0 Datasheet
61Kb / 4P
Ultra Fast Recovery Diode
logo
GOOD-ARK Electronics
MUR1060FCT GOOD-ARK-MUR1060FCT Datasheet
354Kb / 7P
Ultra Fast Recover diode
logo
Rohm
RFN2VWM2S ROHM-RFN2VWM2S Datasheet
1Mb / 8P
Ultra Fast Recovery Diode
2022/01/24_Rev.001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com