Electronic Components Datasheet Search
  English  ▼

X  

T0931103003 Datasheet(PDF) 21 Page - TE Connectivity Ltd

Part # T0931103003
Description  General Overview of Heavy Duty Connectors
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

T0931103003 Datasheet(HTML) 21 Page - TE Connectivity Ltd

Back Button T0931103003 Datasheet HTML 17Page - TE Connectivity Ltd T0931103003 Datasheet HTML 18Page - TE Connectivity Ltd T0931103003 Datasheet HTML 19Page - TE Connectivity Ltd T0931103003 Datasheet HTML 20Page - TE Connectivity Ltd T0931103003 Datasheet HTML 21Page - TE Connectivity Ltd T0931103003 Datasheet HTML 22Page - TE Connectivity Ltd T0931103003 Datasheet HTML 23Page - TE Connectivity Ltd T0931103003 Datasheet HTML 24Page - TE Connectivity Ltd T0931103003 Datasheet HTML 25Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
INDUSTRIAL /// HEAVY DUTY CONNECTORS
21
TE Connectivity‘s Heavy Duty Connectors
Inserts
HVE Series
HVE SERIES INSERTS CAN MATCH THE HB SERIES HOODS AND HOUSINGS. SEE PAGE 44 TO 52.
3+ +2 additional contacts for safe
high voltage connections
10+ +2 additional contacts for safe
high voltage connections
3+ +2 additional contacts for safe
high voltage connections
Screw Terminal
Screw Terminal
Spring Terminal
Type
PN
Type
PN
Type
PN
Male (M)
HVE-003-M
T2300033101-000
Male (M)
HVE-010-M
T2300103101-000
Male (M)
HVES-003-M
T2300032101-000
Female (F)
HVE-003-F
T2300033201-000
Female (F)
HVE-010-F
T2300103201-000
Female (F)
HVES-003-F
T2300032201-000
Tech Data
Rated current: 16A
Rated voltage: 830V
Wiregauge: 0.5-2.5mm2
Tech Data
Rated current: 16A
Rated voltage: 830V
Wiregauge: 0.5-2.5mm2
Tech Data
Rated current: 16A
Rated voltage: 830V
Wiregauge: 0.5-2.5mm2
Hoods &
Housings
For H10B series
see page 45-46
Hoods &
Housings
For H24B series
see page 49-50
Hoods &
Housings
For H10B series
see page 45-46
10+ +2 additional contacts for safe high voltage connections
10+ +2 additional contacts for safe high voltage connections
Spring Terminal
Crimp Terminal
Type
PN
Type
PN
Male (M)
HVES-010-M
T2300102101-000
Male (M)
HVEC-010-M
T2300104101-000
Female (F)
HVES-010-F
T2300102201-000
Female (F)
HVEC-010-F
T2300104201-000
Tech Data
Rated current: 16A
Rated voltage: 830V
Wiregauge: 0.5-2.5mm2
Tech Data
Rated current: 16A
Rated voltage: 830V
Wiregauge: 0.5-4.0 mm2
Hoods &
Housings
For H24B series
see page 49-50
Hoods &
Housings
For H24B series
see page 49-50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com