Electronic Components Datasheet Search
  English  ▼

X  

T0931103003 Datasheet(PDF) 36 Page - TE Connectivity Ltd

Part # T0931103003
Description  General Overview of Heavy Duty Connectors
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

T0931103003 Datasheet(HTML) 36 Page - TE Connectivity Ltd

Back Button T0931103003 Datasheet HTML 32Page - TE Connectivity Ltd T0931103003 Datasheet HTML 33Page - TE Connectivity Ltd T0931103003 Datasheet HTML 34Page - TE Connectivity Ltd T0931103003 Datasheet HTML 35Page - TE Connectivity Ltd T0931103003 Datasheet HTML 36Page - TE Connectivity Ltd T0931103003 Datasheet HTML 37Page - TE Connectivity Ltd T0931103003 Datasheet HTML 38Page - TE Connectivity Ltd T0931103003 Datasheet HTML 39Page - TE Connectivity Ltd T0931103003 Datasheet HTML 40Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
INDUSTRIAL /// HEAVY DUTY CONNECTORS
36
TE Connectivity‘s Heavy Duty Connectors
Tools and Accessories
Crimping tools and remove tools
Crimp tool
Wire range: 0.5-4.0mm2
Used for HD, HDD,
HEE contacts
Crimp tool
Wire range:
4.0-10.0mm2
Used for 40A contacts
Type
CRIMPBOX-0.5/4
Type
CRIMPBOX-4.0/10.0
Part Number
T3100000001-000
Part Number
T3100001001-000
Remove tools
Used for HEE series
remove tools
Remove tools
Used for HEEE series
remove tools
Type
REMOV-HEE
Type
REMOV-HEEE
Part Number
T3100000002-000
Part Number
T3100000016-000
Remove tools
Used for HD/HDD
series remove tools
Remove tools
Used for CMM/CMF
series remove tools
Type
REMOV-HD
Type
REMOV-MM
Part Number
T3100000003-000
Part Number
T3100000013-000
Axial screw tool and crimping tool
M3 screw driver
Used for HA/HE inserts
Tool
Used for 100A inserts
Type
SCREWD-M3
Type
HEXA-D1
Part Number
T3100000009-000
Part Number
T3100000010-000
Tool
Used for 40A inserts
Crimp tool
Wire range:
10.0-120.0mm2
Used for 200A contacts
Type
HEXA-D2
Type
CRIMPBOX-10./120
Part Number
T3100000012-000
Part Number
T3100001015-000
TOOLS AND ACCESSORIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com