Electronic Components Datasheet Search
  English  ▼

X  

PTF14AE Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # PTF14AE
Description  Products Related to Common Sockets and DIN Tracks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PTF14AE Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button PTF14AE Datasheet HTML 14Page - Omron Electronics LLC PTF14AE Datasheet HTML 15Page - Omron Electronics LLC PTF14AE Datasheet HTML 16Page - Omron Electronics LLC PTF14AE Datasheet HTML 17Page - Omron Electronics LLC PTF14AE Datasheet HTML 18Page - Omron Electronics LLC PTF14AE Datasheet HTML 19Page - Omron Electronics LLC PTF14AE Datasheet HTML 20Page - Omron Electronics LLC PTF14AE Datasheet HTML 21Page - Omron Electronics LLC PTF14AE Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Products Related to Common Sockets and DIN Tracks
18
Note: If you use the PTF08A, PTF08A-E, or PT08 with an LY1 Relay, connect the following terminal pairs: 1-2, 3-4, and 5-6 (for usage at 10 A or
higher).
PT
(Unit: mm)
Dimensions
Terminal
Arrangement/
Internal
Connections
Mounting hole and PCB dimensions
Dimensions
Terminal Arrangement/
Internal Connections
Mounting Hole Dimensions
3.4
30 max.
37 max.
78.5 max.
11-M3.5×8
Two, 4.5 × 6
mounting holes
8
35.4
7±0.2
PTF11A
9
11
8
6 5 4
3 2 1
7
10
(Top View)
68±0.3
Two, 4.5 × 6 mounting holes
27.5±0.2
Note: Track mounting is also possible.
Refer to page 27.
(Top View)
30 max.
45.5 max.
78.5 max.
Two, 4.5 × 6
mounting holes
8
35.4
3.4
7±0.2
14-M3.5×8
PTF14A
8
11 10 9
12
13
14
7 6 5
4 3 2 1
(Top View)
68±0.3
Two, 4.5 dia. or M4 mounting holes
36±0.2
(Top View)
Note: Track mounting is also possible.
Refer to page 27.
7±0.2
33 max.
45.5 max.
78.5 max.
Two, 4.5 × 6
mounting holes
14-M3.5×8
8
35.5
3.4
PTF14A-E (Finger Protection Structure)
20.5 max.
Eight, 1.7-dia × 3.5 oblong holes
2.7
0.3
5
24 max.
25.5
max.
2
29.5
max.
24 max.
29.5
max.
25.5
max.
2
1.0
1.5×1.0
1.5
2.7
2.5
20
35 max.
9
PT08
PT08QN
2
1
4
3
6
5
7
8
(Bottom View)
21.4+0.2
0
25.8±0.2
0.3
2
2
5*
4.3
1
18 max.
22 max.
6.5
29.5 max.
• The structure does not resist flux.
Manual soldering is recommended for
this product.
*Maintain a sufficient distance from the
pattern when using double-sided PCBs.
PT08-0
5.35
15.6
10
6.5
6.45
Eight, 2.5-dia. holes
12.45
4.6
3
(±0.1 tolerance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com