Electronic Components Datasheet Search
  English  ▼

X  

PTF14AE Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # PTF14AE
Description  Products Related to Common Sockets and DIN Tracks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PTF14AE Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button PTF14AE Datasheet HTML 23Page - Omron Electronics LLC PTF14AE Datasheet HTML 24Page - Omron Electronics LLC PTF14AE Datasheet HTML 25Page - Omron Electronics LLC PTF14AE Datasheet HTML 26Page - Omron Electronics LLC PTF14AE Datasheet HTML 27Page - Omron Electronics LLC PTF14AE Datasheet HTML 28Page - Omron Electronics LLC PTF14AE Datasheet HTML 29Page - Omron Electronics LLC PTF14AE Datasheet HTML 30Page - Omron Electronics LLC PTF14AE Datasheet HTML 31Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Products Related to Common Sockets and DIN Tracks
29
Wiring Tools
Applicable Screwdriver
Use a flat-blade screwdriver with a tip that is 2.5 mm wide (3.0 mm
max.).
Applicable Screwdriver (Example)
VESSEL No.9900
− (−) 2.5 × 75
Applicable Wires
• You can use either solid wires or stranded wires. Applicable wire
size: 0.2 to 1.5 mm2 (AWG24 to AWG16)
• Strip 8 to 9 mm of insulation from the ends of the wires.
• If you insert stranded wires without ferrules, make sure that the
wires are twisted when you insert them.
• If you use bare ferrules, always attach insulating sleeves.
• If you insert a wire with a sheath outer diameter of 2.2 mm or less,
do not insert the wire far enough so that the sheath is engaged
inside the hole, as shown below.
• Two wires with a sheath outer diameter of 3.2 mm or larger cannot
be inserted for the same terminal at the same time.
• Use heat-shrinking tubes to indicate wire numbers.
Precautions for Correct Use
2.5 mm (3.0 mm max. )
You cannot use a screwdriver with a thick shaft.
8 to 9 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com