Electronic Components Datasheet Search
  English  ▼

X  

TPS22934 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS22934
Description  Ultra-Small, Low-Input-Voltage, Low rON Load Switch With Hysteresis Control Input
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22934 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS22934 Datasheet HTML 6Page - Texas Instruments TPS22934 Datasheet HTML 7Page - Texas Instruments TPS22934 Datasheet HTML 8Page - Texas Instruments TPS22934 Datasheet HTML 9Page - Texas Instruments TPS22934 Datasheet HTML 10Page - Texas Instruments TPS22934 Datasheet HTML 11Page - Texas Instruments TPS22934 Datasheet HTML 12Page - Texas Instruments TPS22934 Datasheet HTML 13Page - Texas Instruments TPS22934 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-40
-20
0
20
40
60
80
100
120
140
160
Time (µs)
-0.020
0.000
0.020
0.040
0.060
0.080
0.100
0.120
CL = 10 µF
RL = 36 Ohm
VIN = 3.6 V
TA = 25°C
IOUT
ON
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-200
-100
0
100
200
300
400
500
600
700
800
Time (µs)
-0.020
0.000
0.020
0.040
0.060
0.080
0.100
0.120
CL = 10 µF
RL = 36 Ohm
VIN = 3.6 V
TA = 25°C
IOUT
ON
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-20
-10
0
10
20
30
40
50
60
70
80
Time (µs)
-0.020
0.000
0.020
0.040
0.060
0.080
0.100
0.120
CL = 0.1 µF
RL = 36 Ohm
VIN = 3.6 V
TA = 25°C
IOUT
ON
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-10
-5
0
5
10
15
20
25
30
35
40
Time (µs)
-0.020
0.000
0.020
0.040
0.060
0.080
0.100
0.120
CL = 0.1 µF
RL = 36 Ohm
VIN = 3.6 V
TA = 25°C
IOUT
ON
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-200
0
200
400
600
800
1000
1200
1400
1600
1800
Time (µs)
-0.001
0.000
0.001
0.002
0.003
0.004
0.005
0.006
CL = 10 µF
RL = 500 Ohm
VIN = 1.8 V
TA = 25°C
IOUT
ON
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-20
0
20
40
60
80
100
120
140
160
180
Time (µs)
-0.001
0.000
0.001
0.002
0.003
0.004
0.005
0.006
CL = 10 µF
RL = 500 Ohm
VIN = 1.8 V
TA = 25°C
IOUT
ON
TPS22934
SLVSAD4B – AUGUST 2010 – REVISED APRIL 2015
www.ti.com
Typical Characteristics (continued)
Figure 19. tON Response
Figure 20. tOFF Response
Figure 21. tON Response
Figure 22. tOFF Response
Figure 23. tON Response
Figure 24. tOFF Response
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS22934



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com